| Electronic Components Datasheet Search |
|
RM0352 Datasheet(PDF) 80 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
RM0352 Datasheet(HTML) 80 Page - STMicroelectronics |
|
80 / 138 page ![]() I2C bus interface RM0352 80/138 DocID024647 Rev 1 10.2.5 I2C status register (I2C_SR) Table 75. I2C status register (I2C_SR) Address: I2CBaseAddress + 0x14 Type: R Reset: 0x00000000 I2C status register (I2C_SR) 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 RR R R R R R R R Description: The status code word includes the status of the transfer in terms of: • Operation type (master-read, master-write, write-to-slave, read-from- slave) • Status (successfully, abort) • Cause of the abort occurrence • Type (standard frame, general call, hardware general call) • Length of the transaction (in terms of byte number). • In SMBUS mode: – SMBus device default address – Packet error checking register – Dual addressing flag On the completion of a master or slave operation, the interrupt bit I2C_RISR:MTD or I2C_RISR:STD is asserted and the related status of the operation is stored in the current register. [29] DUALF: dual flag (slave mode) 0: received address matched with the “Slave Address” (SA7) 1: received address matched with “Dual Slave Address” (DSA7) • Cleared by hardware after a STOP condition or repeated START condition, bus error or when PE = 0. [28:21] PECR: packet error checking register This register contains the actual PEC calculated by hardware CRC-8 when I2C_CR: ENPEC = 1. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |