Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RM0352 Datasheet(PDF) 51 Page - STMicroelectronics

Part # RM0352
Description  Brain smart hub family
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0352 Datasheet(HTML) 51 Page - STMicroelectronics

Back Button RM0352 Datasheet HTML 47Page - STMicroelectronics RM0352 Datasheet HTML 48Page - STMicroelectronics RM0352 Datasheet HTML 49Page - STMicroelectronics RM0352 Datasheet HTML 50Page - STMicroelectronics RM0352 Datasheet HTML 51Page - STMicroelectronics RM0352 Datasheet HTML 52Page - STMicroelectronics RM0352 Datasheet HTML 53Page - STMicroelectronics RM0352 Datasheet HTML 54Page - STMicroelectronics RM0352 Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 138 page
background image
DocID024647 Rev 1
51/138
RM0352
ARM© dual timer module (SP804)
137
Free running counter blocks
The two FRCs are identical and contain the 32/16-bit down counter and interrupt
functionality. The counter logic is clocked independently of PCLK by TIMCLK in conjunction
with a clock enable TIMCLKENX although there are constraints on the relationship between
PCLK and TIMCLK. See
Section : Clock signals and clock enables on page 51 for details of
these constraints.
Although the two FRCs are driven from a common clock, TIMCLK, each timer count rate
can be independently controlled by their respective clock enables, TIMCLKEN1 and
TIMCLKEN2. The prescaler in each FRC gives a further independent control of the count
rate of each FRC. See
Section : Timer operation on page 53 or an operational description of
the FRCs.
Interface reset
The dual timer module is reset by the global reset signal PRESETn.
The values of the registers after reset are described in
Section 8.3: Programmer's model on
page 57. In summary, the Timer is initialized to the following state after reset:
The counter is disabled
Free running mode is selected
16-bit counter mode is selected
Prescalers are set to divide by 1
Interrupts are cleared but enabled
The load register is set to zero
The counter value is set to 0xFFFFFFFF.
Clock signals and clock enables
The dual timer module uses two input clocks:
PCLK is used to time all APB accesses to the dual timer module registers.
TIMCLK is qualified by the clock enables, TIMCLKEN1 and TIMCLKEN2 (tied high for
Brain device), and used to clock the prescalers, counters and their associated interrupt
logic. This qualified TIMCLK rate is referred to as the effective timer clock rate. The
prescaler counter only decrements on a rising edge of TIMCLK when TIMCLKENX is
HIGH. The Timer counter only decrements on a rising edge of TIMCLK when
TIMCLKENX is HIGH and the prescaler counter generates an enable (see
Section :
Prescaler operation on page 52.
The relationship between TIMCLK and PCLK must observe the following constraints:
The rising edges of TIMCLK must be synchronous and balanced with a rising edge of
PCLK
TIMCLK frequency cannot be greater than PCLK frequency.
TIMCLK, TIMCLKEN1, and TIMCLKEN2 are used in the ways described in the following
sections:
TIMCLK equals PCLK and TIMCLKENX equals one for dual timers 3 to 0.
TIMCLK is less than PCLK and TIMCLKENX equals one for dual timers 7 to 4.
Note:
Unless otherwise stated these examples use a prescale setting of divide by 1. The
examples apply to either Timer1 or Timer2 in the module. TIMCLKENX refers to either
TIMCLKEN1 or TIMCLKEN2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com