| Electronic Components Datasheet Search |
|
RM0352 Datasheet(PDF) 93 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
RM0352 Datasheet(HTML) 93 Page - STMicroelectronics |
|
93 / 138 page ![]() DocID024647 Rev 1 93/138 RM0352 I2C bus interface 137 Description: The I2CMISR register indicates the interrupt sources after masking. For the description of each single bit, refer to the register I2C_RISR. The output signal int_gbl is asserted when at least one interrupt source of this register is pending. 10.2.13 I2C interrupt clear register (I2C_ICR) Table 83. I2C interrupt clear register (I2C_ICR) Address: I2CBaseAddress + 0x38 Type: RW Reset: 0x00000000 Description: The I2C_ICR register indicates the interrupt sources after masking. For the description of each single bit, refer to the register I2C_RISR. When writing to this register, each data bit that is set to 1b causes the corresponding bit in the status registers to be cleared. Data bits that are set to 0b have no effect on the corresponding bit in the register. 10.2.14 I2C hold time data (I2C_THDDAT) Table 84. I2C hold time data (I2C_THDDAT) Address: I2CBaseAddress + 0x04C Type: RW Reset: 0x00000014 Description: The I2C_THDDAT register is an 8-bit registers, that controls the hold time data for F/S mode. The register is read-write. I2C interrupt clear register (I2C_ICR) 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 RESERVED RW W W R W W R R W W W W W W W R I2C hold time data (I2C_THDDAT) 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 RESERVED I2C_THDDAT RRW |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |