Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RM0352 Datasheet(PDF) 101 Page - STMicroelectronics

Part # RM0352
Description  Brain smart hub family
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0352 Datasheet(HTML) 101 Page - STMicroelectronics

Back Button RM0352 Datasheet HTML 97Page - STMicroelectronics RM0352 Datasheet HTML 98Page - STMicroelectronics RM0352 Datasheet HTML 99Page - STMicroelectronics RM0352 Datasheet HTML 100Page - STMicroelectronics RM0352 Datasheet HTML 101Page - STMicroelectronics RM0352 Datasheet HTML 102Page - STMicroelectronics RM0352 Datasheet HTML 103Page - STMicroelectronics RM0352 Datasheet HTML 104Page - STMicroelectronics RM0352 Datasheet HTML 105Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 138 page
background image
DocID024647 Rev 1
101/138
RM0352
SPI (serial peripheral interface)
137
11.3
SPI registers
The SPI has following programmable parameters:
Master or slave mode
Enabling of operation
Frame format
Communication baud rate
Clock phase and polarity
Data widths from 4 to 16 bits wide
Interrupt masking.
The SPI base address block in the Brain memory map is 0xA300_0000.
Table 96 shows the PrimeCell SSP registers.
Table 96. PrimeCell SSP register summary
Offset
Name
Type
Reset
Width
Description
SSP Base + 0x00
SSPCR0
RW
0x0000
16
Control register 0, SSPCR0 - see
Section 11.4.1 on page 102
SSP Base + 0x04
SSPCR1
RW
0x0
4
Control register 1, SSPCR1 - see
Section 11.4.2 on page 104
SSP Base + 0x08
SSPDR
RW
0x----
16
Data register, SSPDR - see
Section 11.4.3
on page 104
SSP Base + 0x0C
SSPSR
RO
0x03
5
Status register, SSPSR - see
Section 11.4.4 on page 105
SSP Base + 0x10
SSPCPSR
RW
0x00
8
Clock prescale register, SSPCPSR - see
Section 11.4.5 on page 106
SSP Base + 0x14
SSPIMSC
RW
0x0
4
Interrupt mask set or clear register,
SSPIMSC - see
Section 11.4.6 on page
107
SSP Base + 0x18
SSPRIS
RO
0x8
4
Raw interrupt status register, SSPRIS -
see
Section 11.4.7 on page 108
SSP Base + 0x1C
SSPMIS
RO
0x0
4
Masked interrupt status register, SSPMIS -
see
Section 11.4.8 on page 108
SSP Base + 0x20
SSPICR
WO
0x0
4
Interrupt clear register, SSPICR - see
Section 11.4.9 on page 109
SSP Base + 0x24
-
-
-
-
RESERVED
SSP Base + 0x28 to 0x7C
-
-
-
-
RESERVED
SSP Base + 0x80 to 0x8C
-
-
-
-
RESERVED for test
SSP Base + 0x90 to 0xFCC
-
-
-
-
RESERVED
SSP Base + 0xFD0 to 0xFDC
-
-
-
-
RESERVED for future expansion
SSP base + 0xFEO
SSPPeriphID0
RO
0x22
8
Peripheral identification registers,
SSPPeriphID0-3 - see
Section 11.4.10 on
page 109
SSP base + 0xFE4
SSPPeriphID1
RO
0x10
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com