Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN303 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN303
Description  The purpose of this note is to familiarize
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN303 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN303 Datasheet HTML 3Page - STMicroelectronics AN303 Datasheet HTML 4Page - STMicroelectronics AN303 Datasheet HTML 5Page - STMicroelectronics AN303 Datasheet HTML 6Page - STMicroelectronics AN303 Datasheet HTML 7Page - STMicroelectronics AN303 Datasheet HTML 8Page - STMicroelectronics AN303 Datasheet HTML 9Page - STMicroelectronics AN303 Datasheet HTML 10Page - STMicroelectronics AN303 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
AN303
Latching current – the details
Doc ID 3654 Rev 3
7/13
Figure 8.
TRIAC triggering quadrants
2.3
Variation of the latching current
2.3.1
Typical variation of IL with device sensitivity and quadrant
The latching current IL is related to the triggering current, IGT. The IL/IGT ratio also depends
on the triggering quadrant as shown in Table 1.
Example
With a BTA/BTB12-600TW, IGT (QI) = 1 mA (measured),
then IL (QI) ≈ 3 mA, IL (QII) ≈ 6 mA and IL (QIII) ≈ 3.5 mA.
With a BTA/BTB12-600C, IGT (QI) = 15 mA (measured),
then IL(Q1) ≈ 22.5 mA, IL (QII) ≈ 67.5 mA, IL (QIII) ≈ 15 mA and IL (QIV) ≈ 7.5 mA.
In the case of TRIACs (as opposed to the SCRs), it is important to note that the current IL
(QII), is much higher than the IL current in the other quadrants. So, in the data sheets, two
maximum values are specified: one value for quadrants I, III and IV (if specified) and one
value for quadrant II.
2.3.2
Typical variation between IL and IH
The holding current value IH (refer to AN302 for holding current) is linked to the latching
current value IL. For the most TRIACs (rated current lower than 40 A), the IL value is higher
than the IH value. The IL /IH ratio is related to the TRIACs current rating, as shown Table 2.
+ +
--
+-
QI
QII
QIII
QIV
V
T
I
G
A1
I
G
VT
A
2
-+
Table 1.
Approximate ratio between IL and IGT for sensitive and standard TRIACs
Sensitive TRIAC 12 A rms (TW type)
3
6
3.5
N.A.
Standard TRIAC 12 A rms (C type)
1.5
4.5
1
0.5
I (QI)
I
(QI)
L
GT
I (QII)
I
(QII)
L
GT
I (QIII)
I
(QIII)
L
GT
I (QIV)
I
(QIV)
L
GT
Table 2.
Approximate ratio between IL and IH according to devices current rating
Rating of TRIACs and SCRs
IRMS ≤ 6 A
6 A
≤ IRMS ≤ 40 A
I L / I H
(1)
1.
First quadrant in the case of TRIACs
1.1 to 1.5
1.5 to 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com