Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN303 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN303
Description  The purpose of this note is to familiarize
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN303 Datasheet(HTML) 2 Page - STMicroelectronics

  AN303 Datasheet HTML 1Page - STMicroelectronics AN303 Datasheet HTML 2Page - STMicroelectronics AN303 Datasheet HTML 3Page - STMicroelectronics AN303 Datasheet HTML 4Page - STMicroelectronics AN303 Datasheet HTML 5Page - STMicroelectronics AN303 Datasheet HTML 6Page - STMicroelectronics AN303 Datasheet HTML 7Page - STMicroelectronics AN303 Datasheet HTML 8Page - STMicroelectronics AN303 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Application examples
AN303
2/13
Doc ID 3654 Rev 3
1
Application examples
The importance of the latching current is highlighted by the following application examples.
1.1
Example 1: low power lamp control
In the application circuit shown in Figure 2 a TRIAC is used to control a 10 W signaling light.
For the European mains (Vrms = 230 V), the peak load current is about 61 mA. A Z01 device
could be used to control this load current, but the maximum latching current is specified as
50 mA if a Z0110 device is used in quadrant II. The peak load current is then very close to
the maximum latching current given in the datasheet. The device will turn off if the gate
current pulse is too short.
Figure 2.
Control of a low-power lamp
Thus, a TRIAC could not remain on if its latching current is higher than the load current at
the moment the gate current is removed (refer to Figure 2). For correct operation, a
continuous gate current should be applied or a longer gate current pulse should be applied.
For example, for a sinusoidal load current (I(t) = Ipeak x sin(ωt)), the pulse width is given by
the following equation (refer to AN302 for a complete definition of IH
(a)):
To reduce the pulse width duration, a more sensitive TRIAC could be used (for example, for
the Z0103 IL max is 15 mA in QII).
a.
The minimum current that keeps a TRIAC conducting is called the hypostatic or holding current IH.
IG
IT
A1
A2
G
230 V
Lamp (10 W)
I
I
L
T
t
IG
t
Main
current
Gate
current
tp
tp >
· arcsin
· arcsin
1
ω
1
ω
I
I
HMAX
peak )
(
I
I
LMAX
peak )
(
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com