Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN303 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN303
Description  The purpose of this note is to familiarize
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN303 Datasheet(HTML) 4 Page - STMicroelectronics

  AN303 Datasheet HTML 1Page - STMicroelectronics AN303 Datasheet HTML 2Page - STMicroelectronics AN303 Datasheet HTML 3Page - STMicroelectronics AN303 Datasheet HTML 4Page - STMicroelectronics AN303 Datasheet HTML 5Page - STMicroelectronics AN303 Datasheet HTML 6Page - STMicroelectronics AN303 Datasheet HTML 7Page - STMicroelectronics AN303 Datasheet HTML 8Page - STMicroelectronics AN303 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Application examples
AN303
4/13
Doc ID 3654 Rev 3
1.3
Example 3: varying power load control
For most applications, the load power is controlled by the TRIAC conduction time. For arc
welding (see Figure 4), the controlled power can be subjected to considerable variations.
The device current rating is chosen and validated for full-wave and full load operation. The
application operation is then ensured in the worst case but, for low power loads, a TRIAC
triggering issue could occur.
In the case of an open load operation, the load current equals the transformer magnetizing
current, which is much lower than full load current. The load current could even be below the
TRIAC latching current in one triggering quadrant. Thus, the TRIAC could turn on properly in
one quadrant but could not turn on in another quadrant, for which the latching current is
higher. An unbalance then occurs and induces a direct current (DC) through the
transformer, which heats its coils and can cause transformer failure.
For correct circuit design, the TRIAC operation should be validated in full load and also in
open load. (See AN308 for a schematic circuit diagram dedicated to this welding
application.)
Figure 4.
Arc welding control
A1
A2
G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com