Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN436 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN436
Description  TRIAC CONTROL BY PULSE TRANSFORMER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN436 Datasheet(HTML) 7 Page - STMicroelectronics

  AN436 Datasheet HTML 1Page - STMicroelectronics AN436 Datasheet HTML 2Page - STMicroelectronics AN436 Datasheet HTML 3Page - STMicroelectronics AN436 Datasheet HTML 4Page - STMicroelectronics AN436 Datasheet HTML 5Page - STMicroelectronics AN436 Datasheet HTML 6Page - STMicroelectronics AN436 Datasheet HTML 7Page - STMicroelectronics AN436 Datasheet HTML 8Page - STMicroelectronics AN436 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7/9
AN436 APPLICATION NOTE
In practice the area of the pulse has to be lower than 60 or 70% of the maximum voltage.time product
Vo.to.
The maximum pulse duration in the output is:
These two formulæ allow us to define the pulse transformer according to the triac sensitivity.
Example: Numerical application with a transformer having the following characteristics:
N2/N1 = 1
RP = 0.6Ω
LP = 2.5mH
Vo.to = 250Vµs
Triac: BTA08-700CW
IGT = 35mA; VGK = –2V at IG = 2IGT (quadants II and III)
diode: VF = 0.7V
Power supply:
U = 12V; R1 = 100
Ω; tp max = 65µs; IG = 70mA; t = 21µs
We have measured:
IG = 85 mA at t = 21µs
CONCLUSION
The pulse transformer provides an excellent method to trigger a triac when galvanic insulation is required.
This system is appropriate to microprocessor systems.
Nevertheless it needs some precautions to avoid a decrease of the triac commutation behavior.
This precaution is achieved by adding a diode in series with the gate.
t
P
0.7Vo.to
V
F
V
GK
–
------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com