Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN436 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN436
Description  TRIAC CONTROL BY PULSE TRANSFORMER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN436 Datasheet(HTML) 5 Page - STMicroelectronics

  AN436 Datasheet HTML 1Page - STMicroelectronics AN436 Datasheet HTML 2Page - STMicroelectronics AN436 Datasheet HTML 3Page - STMicroelectronics AN436 Datasheet HTML 4Page - STMicroelectronics AN436 Datasheet HTML 5Page - STMicroelectronics AN436 Datasheet HTML 6Page - STMicroelectronics AN436 Datasheet HTML 7Page - STMicroelectronics AN436 Datasheet HTML 8Page - STMicroelectronics AN436 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5/9
AN436 APPLICATION NOTE
THE SOLUTION
To avoid the reinjected current through the transformer it is necessary to connect a diode in series with
the gate (see Figure 6).
Figure 6. Bearing of the commutation capability
The drop voltage VF of the diode avoid the reinjected current. The triac is triggering in the 2
nd and 3rd quad-
rants (see Figure 7).
Figure 7. Correct running with diode
VAK
VGK
VF
IA
0
0
0
no spurious firing
IANODE
5A/div
VAK
50V/div
IG
50mA/div



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com