Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN436 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN436
Description  TRIAC CONTROL BY PULSE TRANSFORMER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN436 Datasheet(HTML) 4 Page - STMicroelectronics

  AN436 Datasheet HTML 1Page - STMicroelectronics AN436 Datasheet HTML 2Page - STMicroelectronics AN436 Datasheet HTML 3Page - STMicroelectronics AN436 Datasheet HTML 4Page - STMicroelectronics AN436 Datasheet HTML 5Page - STMicroelectronics AN436 Datasheet HTML 6Page - STMicroelectronics AN436 Datasheet HTML 7Page - STMicroelectronics AN436 Datasheet HTML 8Page - STMicroelectronics AN436 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
AN436 APPLICATION NOTE
4/9
Figure 5. spurious firing of the triac
The influence of the transformer can be estimated by measuring the critical (di/dt)c of the triac with and
without the transformer.
Example: BTA06-400CW
The specified (di/dt)c of this triac is:
3.5A/ms min at Tj = 125°C
Measurement of a sample without transformer:
(di/dt)c = 6A/ms
Measurement with transformer:
(di/dt)c = 3A/ms
→ on this sample the commutation capability is divided by 2!
It is necessary to consider this phenomena and to take some safety margin (in some cases the critical (di/
dt)c of the triac + transformer can be lower than the specified (di/dt)c of the triac as shown in the previous
example). This is very important in the case of transient currents higher than the nominal value, as is the
case with the cold filament of incandescent lamp, load dispersion, etc...
One has to take into account the maximum (di/dt)c in the application in all cases, especially in the transient
state where (di/dt)c can be higher than it is in the steady state. The following example shows values for an
incandescent lamp and universal motor.
Table 1. Maximum (di/dt)c in the application
INCANDESCENT LAMP
UNIVERSAL MOTOR
NOMINAL CURRENT IARMS
1.35A
3.8A
STEADY STATE (di/dt)c
0.6A/ms
1.7A/ms
TRANSIENT STATE (di/dt)c
2.6A/ms
5A/ms
spurious firing
0
0
0
IANODE
5A/div
VAK
50V/div
IG
50mA/div



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com