| Electronic Components Datasheet Search |
|
AN969 Datasheet(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN969 Datasheet(HTML) 3 Page - STMicroelectronics |
|
3 / 10 page ![]() 3/10 SCI COMMUNICATION BETWEEN ST7 AND PC 1.3 FRAMES Any transmission is Least Significant Bit first. A data word can be 8 or 9 bits long. A data frame begins with a «start bit», which is a ’0’ bit and ends with a «stop bit», which is a ’1’ bit. See Figure 2. Two special frames are also managed : An Idle character is interpreted as an entire frame of ’1’ bits followed by the start bit of the next frame which contains data. A Break character is detected when receiving ’0’ bits for some multiple of the frame period. At the end of the last break, the transmitter inserts an extra ’1’ bit to acknowledge the next start bit. Figure 2. Frames and word length Bit0 Bit1 Bit2 Bit3 Bit4 Bit5 Bit6 Bit7 Bit8 Start Bit Stop Bit Next Start Bit Idle Frame Bit0 Bit1 Bit2 Bit3 Bit4 Bit5 Bit6 Bit7 Start Bit Stop Bit Next Start Bit Start Bit Idle Frame Start Bit 9-bit Word length (M bit of SCICR1 is set) 8-bit Word length (M bit of SCICR1 is reset) Break Frame Start Bit Extra ’1’ Data Frame Break Frame Start Bit Extra ’1’ Data Frame Next Data Frame Next Data Frame |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |