Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN969 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN969
Description  SCI COMMUNICATION BETWEEN ST7 AND PC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN969 Datasheet(HTML) 4 Page - STMicroelectronics

  AN969 Datasheet HTML 1Page - STMicroelectronics AN969 Datasheet HTML 2Page - STMicroelectronics AN969 Datasheet HTML 3Page - STMicroelectronics AN969 Datasheet HTML 4Page - STMicroelectronics AN969 Datasheet HTML 5Page - STMicroelectronics AN969 Datasheet HTML 6Page - STMicroelectronics AN969 Datasheet HTML 7Page - STMicroelectronics AN969 Datasheet HTML 8Page - STMicroelectronics AN969 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4/10
SCI COMMUNICATION BETWEEN ST7 AND PC
2 RS232 COMMUNICATION WITH A PC
2.1 MAIN FEATURES
The electrical and protocol characteristics of RS232 are different from those of the ST7 SCI
peripheral. In RS232 communication, high level is typically +7V and low level is typically -7V,
while the SCI peripheral works with TTL levels (0, +5V).
Furthermore, the polarities are different. A ’1’ bit coming from the SCI corresponds to a ’0’ bit
in RS232, and a ’0’ bit to a ’1’ bit. It is true for all bits including the start and stop bit.
So it is necessary to implement a conversion between the PC and the SCI peripheral. In this
application a MAX232 is used for this purpose.
2.2 PC CONFIGURATION
The PC will be used as a terminal. The description below refers to the Windows 98 environ-
ment. This terminal application is called hyperterminal.
Under Windows, open the «hyperterminal» application. To configure it, go to the communica-
tion parameters menu. The options of this window must be the same as the ones defined with
your ST7.
After selecting the right serial communication port, select the same baud rate as the one con-
figured in the micro. As the PC accepts only one baud rate, transmission and reception baud
rates will have the same value. Data word length will be 8 bits, but you can choose to use 1 or
2 stop bits. «Flow control» can be either Xon/Xoff or none (the ST72F264.ht file is also pro-
vided in the corresponding zip file).
The PC is then correctly configured.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com