Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN1014 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN1014
Description  HOW TO MINIMIZE THE ST7 POWER CONSUMPTION
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1014 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN1014 Datasheet HTML 3Page - STMicroelectronics AN1014 Datasheet HTML 4Page - STMicroelectronics AN1014 Datasheet HTML 5Page - STMicroelectronics AN1014 Datasheet HTML 6Page - STMicroelectronics AN1014 Datasheet HTML 7Page - STMicroelectronics AN1014 Datasheet HTML 8Page - STMicroelectronics AN1014 Datasheet HTML 9Page - STMicroelectronics AN1014 Datasheet HTML 10Page - STMicroelectronics AN1014 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
7/25
HOW TO MINIMIZE THE ST7 POWER CONSUMPTION
– Use Wait mode if you need external interrupt capability in low power mode and if peripherals
are to be remain active.
– Use the appropriate VDD value. The VDD value must not be greater than the required value
because higher the VDD value, the more power will be consumed.
– Configure the OSCRANGE[2:0] option bits for the minimum frequency range. For example,
if you use 8 MHz oscillator frequency, you must select the OSCRANGE[2:0] option bits for
medium speed resonator 4/8 MHz, not for high speed resonator 8/16 MHz.
6 APPENDIX A: ST72F324 STANDARD EXAMPLES
This section provides examples of how to minimise the consumption in a particular ST7 appli-
cation for device ST72F324.( Use ST72F324 datasheet for a reference)
6.1 EXAMPLE 1: STATIC MEASUREMENT
This example provides a static method of measuring the current consumed by the microcon-
troller in different modes and without any I/O activity. The measurement is done using the fol-
lowing configuration.
6.1.1 Measurement Configuration
– All ports have been set as Push-Pull Outputs at low level.
– All other peripherals are in reset configuration.
– After this, MCU is put into different modes by calling different instructions and by setting
some bits (in the MCCSR register).
– In Option Byte, PLL*2 is disabled, CSS is also disabled and LVD is Off.
Figure 1. Hardware Setup
6.1.2 Consumption
The consumption mainly depends on the mode selected and the CPU frequency.
mA
VDD
ST72324
VDD
VSS
Vpp/ICCSEL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com