Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN1014 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN1014
Description  HOW TO MINIMIZE THE ST7 POWER CONSUMPTION
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1014 Datasheet(HTML) 5 Page - STMicroelectronics

  AN1014 Datasheet HTML 1Page - STMicroelectronics AN1014 Datasheet HTML 2Page - STMicroelectronics AN1014 Datasheet HTML 3Page - STMicroelectronics AN1014 Datasheet HTML 4Page - STMicroelectronics AN1014 Datasheet HTML 5Page - STMicroelectronics AN1014 Datasheet HTML 6Page - STMicroelectronics AN1014 Datasheet HTML 7Page - STMicroelectronics AN1014 Datasheet HTML 8Page - STMicroelectronics AN1014 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
5/25
HOW TO MINIMIZE THE ST7 POWER CONSUMPTION
3.4 SLOW WAIT MODE
In this mode, the CPU is stopped and the peripherals are still running at the fCPU defined
for SLOW mode. It is activated when entering WAIT mode while the device is already in
SLOW mode.
Uses:
- To place the MCU simultaneously in Slow mode and Wait mode to reduce the power con-
sumption.
3.5 ACTIVE-HALT MODE
In this mode, the CPU and the peripherals are stopped, but the oscillator is still running. Pe-
ripherals clocked with an external clock source can still be active.
It is selected by calling the “HALT” instruction when the MCCSR - OIE bit is set. “HALT” forces
the I[1:0] bits in the CC register to ‘10’ to enable interrupts. The CPU clock is stopped till a
Reset or MCC/RTC or CSS or other specific interrupt occurs.
To wake-up from ACTIVE-HALT, a Reset or MCC/RTC or CSS or other specific interrupt must
occur. Before servicing an interrupt, the CC register is pushed on the stack. The I[1:0] bits in
the CC register are set to the current software priority level of the interrupt routine and recov-
ered when the CC register is popped. The safeguard against staying locked in ACTIVE-HALT
mode is provided by the oscillator interrupt.
As soon as the interrupt capability of one of the oscillators is selected (MCCSR.OIE bit set),
entering ACTIVE-HALT mode while the Watchdog is active does not generate a RESET. Be-
cause the watchdog remains active, this means that the MCU cannot spend more than a de-
fined delay in ACTIVE-HALT mode.
Uses:
- To place the MCU in the lowest power consumption mode with Real Time Clock available.
- The CPU and Peripherals (Peripheral clocked with external clock source can still be active)
are OFF.
- To keep a wake-up time base, the Real Time Clock Main Clock Controller is running.
3.6 HALT MODE
In this mode, the oscillator is turned off. Peripherals clocked with an external clock source can
still be active. Halt mode is selected by calling a “HALT” Instruction while the MCCSR - OIE bit
is cleared. “HALT” forces the I[1:0] bits in the CC register to ‘10’ to enable interrupts.
The CPU clock is stopped till a Reset or a specific interrupt (with “exit from Halt” capability) oc-
curs. To wake-up the MCU from Halt mode (when the Watchdog is active or when the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com