Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN1014 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN1014
Description  HOW TO MINIMIZE THE ST7 POWER CONSUMPTION
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1014 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN1014 Datasheet HTML 10Page - STMicroelectronics AN1014 Datasheet HTML 11Page - STMicroelectronics AN1014 Datasheet HTML 12Page - STMicroelectronics AN1014 Datasheet HTML 13Page - STMicroelectronics AN1014 Datasheet HTML 14Page - STMicroelectronics AN1014 Datasheet HTML 15Page - STMicroelectronics AN1014 Datasheet HTML 16Page - STMicroelectronics AN1014 Datasheet HTML 17Page - STMicroelectronics AN1014 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
14/25
HOW TO MINIMIZE THE ST7 POWER CONSUMPTION
external event, or regularly woken-up by an internal timer event. In our case, we decided to put
the ST7 core in Wait For Interrupt state, with one timer active to regularly wake up the core.
This enables the core to refresh the WDG to prevent a watchdog reset. The clock driving the
active peripherals and the core when it is active corresponds to the slowest clock available. It
is the oscillator clock divided by 2 then divided by 16. So the clock driving the peripherals and
core (fCPU) is equal to the crystal value (fOSC) divided by 32. The measurement is done using
the following configuration.
6.3.1 Measurement Configuration
In this mode, the MCU is configured as below, but of course in the application this configura-
tion may differ, in particular the I/O port used.
- The optimum Slow mode is selected with the divided external clock factor equal to 32. This
clock (fCPU) drives the active peripherals (WDG and Timer A) and the core when it is active. In
the Miscellaneous Register (MISCR) the SMS and CP1 & CP0 bits must be set.
- All I/O ports are connected to an external pull-up or pull-down to avoid leakage due to floating
inputs.
- The Watchdog Timer (WDG) is active with a maximum time-out period. The WDG Control
Register (WDGCR) must be loaded with the value FFh and the TB1 & TB0 bits must be set.
- One 16-bit timer is used to wake-up the core at regular intervals. The timer event period must
be adjusted to its maximum value to allow the core to refresh the WDG and to avoid a WDG
reset. The timer clock equals fCPU/8, in the Control Register (CR2), CC1 bit must be set & CC0
bits must be cleared.
- The external clock is selected on the unused 16-bit timer with a continuous level on the ex-
ternal clock pin. In the Control Register (CR2) CC1, CC0 bits must be set.
Note: If timer A is used to regularly wake-up the WDG, the user only has to select the external
clock on timer B. The continuous level on the timer input clock is already done internally, as
there is no external I/O connected to the internal Timer B circuit. It stops the counter on timer
B, because if external clock is not available, programming the external clock configuration
stops the counter.
On the contrary, if Timer B is used to wake-up the micro, the user has to select the external
clock on Timer A and to fix a continuous level on the external clock pin. But be aware, on
Timer A there is only one input capture and one output compare instead of two on Timer B.
– The main loop contains a Wait For Interrupt “WFI” instruction.
– Continuous low level on each PWM output (reset state)
– The A/D converter must be switched off. In the A/D Control/Status Register (CSR), the
ADON bit must be cleared.
– The SPI and SCI are unused.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com