Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN1076 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN1076
Description  ST9 EXTERNAL MEMORY INTERFACE CONFIGURATION
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1076 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN1076 Datasheet HTML 5Page - STMicroelectronics AN1076 Datasheet HTML 6Page - STMicroelectronics AN1076 Datasheet HTML 7Page - STMicroelectronics AN1076 Datasheet HTML 8Page - STMicroelectronics AN1076 Datasheet HTML 9Page - STMicroelectronics AN1076 Datasheet HTML 10Page - STMicroelectronics AN1076 Datasheet HTML 11Page - STMicroelectronics AN1076 Datasheet HTML 12Page - STMicroelectronics AN1076 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9/15
ST9 EXTERNAL MEMORY INTERFACE CONFIGURATION
s
Tips:
– The wait cycles added on the clock always refer to the internal clock (INTCLK) and not to
the CPUCLK. It means that if you choose 3 wait states for example, there will be three
INTCLK clock cycles added to the CPU clock (CPUCLK). During the wait states, the CPU-
CLK will remain high for the number of periods of INTCLK corresponding to the number of
wait states programmed (3 in this example).
– Be careful of the reset values of the control bits in the registers EMR2 and WCR (LAS,
UAS, LDS, UDS). By default, the maximum number of wait states is inserted. So, if your
memory can work faster, you must remember to change the value of these bits to increase
the speed of the ST9 external memory interface.
2.5 MMU CONFIGURATION
You will also have to configure your Memory Management Unit to access your external
memory. This will be exactly the same as when you configure your internal memory:
– You have to load the correct value in the MMU registers in order to point to your correspond-
ing external memory pages or segments (DPR0, DPR1, DPR2, DPR3, CSR, ISR, DMASR
registers).
– You have to add your external memory description and mapping in your scriptfile.
– Don’t forget to describe your external memory also in the emulator configuration file ‘hard-
ware.gdb’.
Please refer to the ST9 microcontroller datasheet, to the GNU C Compiler User Manual, and
to the Emulator User Manual for further details on these configurations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com