Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN1076 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN1076
Description  ST9 EXTERNAL MEMORY INTERFACE CONFIGURATION
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1076 Datasheet(HTML) 3 Page - STMicroelectronics

  AN1076 Datasheet HTML 1Page - STMicroelectronics AN1076 Datasheet HTML 2Page - STMicroelectronics AN1076 Datasheet HTML 3Page - STMicroelectronics AN1076 Datasheet HTML 4Page - STMicroelectronics AN1076 Datasheet HTML 5Page - STMicroelectronics AN1076 Datasheet HTML 6Page - STMicroelectronics AN1076 Datasheet HTML 7Page - STMicroelectronics AN1076 Datasheet HTML 8Page - STMicroelectronics AN1076 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3/15
ST9 EXTERNAL MEMORY INTERFACE CONFIGURATION
Figure 1. External memory Read/Write with and without a programmable wait for MC = 0
1.2 LARGE MEMORY MODEL
This model is supported by x250, x150 and x124 devices.
In this model, you can address all the ST9 memory space (4Mbytes), using a 22-bit address
bus output on the ST9 ports.
The signals used in the large memory model interface are the following:
– I/O Port 0 (8 pins): same function as small memory model (A[0..7]/D[0..7]).
– I/O Port 1 (8 pins): same function as small memory model (A[8..15]).
– I/O Port 9 (6 pins): outputs the MMU bits of the address (A[16..21]).
– Address Strobe ASn: same function as small memory model.
– Data Strobe DSn: same function as small memory model.
– Data Strobe 2 DS2n: if enabled, this pin can be used as a second Data Strobe. In this case,
DSn addresses the external upper memory block while DS2n addresses the external lower
memory block. The upper memory is located at addresses >200000h (A21=1, typically
RAM), and the lower memory is located at addresses <200000h (A21=0, typically ROM).
– Read/Write RWn: same function as small memory model.
AS STRETCH
DS STRETCH
ADDRESS
ADDRESS
ADDRESS
ADDRESS
DATA IN
DATA IN
DATA OUT
DATA
T1
T2
T1
T2
NO WAIT CYCLE
1 ASN WAIT CYCLE
1 DSN WAIT CYCLE
ASN
P1
DSN
P0
RWN
P0
RWN
ADDRESS
ADDRESS
CPU
CLOCK
INTERNAL
CLOCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com