Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN1278 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN1278
Description  Many mechanical components in the automotive sector have been replaced
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1278 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN1278 Datasheet HTML 5Page - STMicroelectronics AN1278 Datasheet HTML 6Page - STMicroelectronics AN1278 Datasheet HTML 7Page - STMicroelectronics AN1278 Datasheet HTML 8Page - STMicroelectronics AN1278 Datasheet HTML 9Page - STMicroelectronics AN1278 Datasheet HTML 10Page - STMicroelectronics AN1278 Datasheet HTML 11Page - STMicroelectronics AN1278 Datasheet HTML 12Page - STMicroelectronics AN1278 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
9/44
LIN (LOCAL INTERCONNECT NETWORK) SOLUTIONS
Table 5. Flash, ROM MCUs (ST9 core)
Note: The master MCUs listed above have all an on-chip CAN peripheral. This corresponds to
the initial LIN concept: the LIN network as sub-network of CAN. However any other MCUs
(listed above as slave for example) can be used to implement a master node.
2.2 LIN TRANSCEIVERS
To ensure the physical behaviour of the LIN bus STMicroelectronics also offers K-Line drivers
and a dedicated LIN Bus Transceiver.
2.2.1 L9637 K-Line Transceiver
The L9637 K-Line transceiver is a monolithic integrated circuit containing standard ISO 9141
compatible interface functions. Its features are listed below.
s
Operating power supply voltage range 4.5V
≤ V
S ≤ 36V (40V for transients)
s
Reverse supply battery protected down to VS ≥ -24V
s
Stand-by mode with very low current consumption ISSB 1µA @Vcc 0.5V
s
Low quiescent current in OFF condition ISOFF = 120µA
s
TTL compatible TX input
s
Bidirectional K-I/O pin with supply voltage dependent input threshold
s
Overtemperature shut down function selective to K-I/O pin
s
Wide input and output voltage range -24V
≤ V
K ≤ VS
s
K output current limitation, typical IK = 60mA
s
Defined OFF output status in under voltage condition and VS or GND interruption
s
Controlled output slope for low EMI
s
High input impedance for open VS or GND connection
s
Defined output on status of LO or RX for open LI or K inputs
s
Defined K output off for TX input open
Features
ST92F150JD
ST92F150JC
ST92F124J
ST92F124
FLASH - bytes
128K
60/128K
60/128K
60/128K
RAM - bytes
6K
2/4K
2/4K
2/4K
EEPROM - bytes
1K
1K1K1K
Timers
2MFT, 2 EFT, STIM,
WD
2MFT, 0/2 EFT, STIM, WD
Serial Interface
2 SCI, SPI, I²C
1/2 SCI, SPI, I²C
ADC
16 x 10 bits
8/16 x 10 bits
Network Interface
2 CAN, J1850
CAN, J1850
J1850
-
Temp. Range
-40°C to 125°C or -40°C to 85°C
Package
P/TQFP100
P/TQFP100 and TQFP64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com