Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN1278 Datasheet(PDF) 43 Page - STMicroelectronics

Part # AN1278
Description  Many mechanical components in the automotive sector have been replaced
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1278 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button AN1278 Datasheet HTML 36Page - STMicroelectronics AN1278 Datasheet HTML 37Page - STMicroelectronics AN1278 Datasheet HTML 38Page - STMicroelectronics AN1278 Datasheet HTML 39Page - STMicroelectronics AN1278 Datasheet HTML 40Page - STMicroelectronics AN1278 Datasheet HTML 41Page - STMicroelectronics AN1278 Datasheet HTML 42Page - STMicroelectronics AN1278 Datasheet HTML 43Page - STMicroelectronics AN1278 Datasheet HTML 44Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 43 / 44 page
background image
43/44
LIN (LOCAL INTERCONNECT NETWORK) SOLUTIONS
As a result the application software should not delay the occurrence of the SCI reception no-
tification interrupt so much that an overrun condition occurs. Specifically: The end the LIN in-
terrupt should end before the stop bit of the next byte.
Figure 25. Reception Interrupt Handling
4.4.3.2 Transmission
In transmission delays coming from the application cannot disturb the proper working of the
software. This will delay the transmission and the issue is more a timeout issue on the current
transmitted frame: If the interrupt time is very long the transmitted frame may exceed the max-
imum allowed frame time. The SCI interrupt in transmission occurs also at the stop bit. If the
occurrence of the interrupt is delayed by the application the interbyte time will increase.
5 SUMMARY OF CHANGES
Revision
Main changes
Date
1.0
First version
August 2001
1.1
Remove section “HOW TO GET THE LIN SOFTWARE?”
April 2002
1 byte
SCI reception
interrupt request
application task
interrupt served



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com