Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN1278 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN1278
Description  Many mechanical components in the automotive sector have been replaced
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1278 Datasheet(HTML) 5 Page - STMicroelectronics

  AN1278 Datasheet HTML 1Page - STMicroelectronics AN1278 Datasheet HTML 2Page - STMicroelectronics AN1278 Datasheet HTML 3Page - STMicroelectronics AN1278 Datasheet HTML 4Page - STMicroelectronics AN1278 Datasheet HTML 5Page - STMicroelectronics AN1278 Datasheet HTML 6Page - STMicroelectronics AN1278 Datasheet HTML 7Page - STMicroelectronics AN1278 Datasheet HTML 8Page - STMicroelectronics AN1278 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
5/44
LIN (LOCAL INTERCONNECT NETWORK) SOLUTIONS
The LIN protocol is object-oriented and not address-oriented. The header contains the identi-
fier which identifies the LIN frame and the data it contains. Different nodes may receive the
same frame data.
The response part consists mainly of data of selectable length (1 to 8 bytes). The data are se-
cured by an 8 bit checksum.
The LIN protocol is time-trigger oriented. The master periodically sends the same sequence of
LIN frames. Each sequence, the master and the slaves update the data they send and re-
ceive. The sequence sent by the master may change depending on application events.
Example: The slave is a sensor measuring a analog value which is communicated to the
master via LIN. The slave continuously measures its analog input independently from the LIN
communication. In response to a master request (periodical) the slave sends the up-to-date/
last measured value of the analog input.
Figure 3. Time-triggered protocol
In order to achieve a good level of security, different mechanisms exist like parity bits on the
identifier or checksum on data bytes.
One important feature of the protocol is to enable the slave MCUs to run with low cost oscilla-
tors such as an integrated RC oscillator provided that the accuracy is better than +/-15%. For
this purpose the header contains a sync field byte consisting of the constant 0x55. This byte
enables each slave to measure the master bit time and to synchronize its clock accordingly.
In order to obtain very low power consumption, the master is able to send a sleep frame. Any
node can go into low power mode. To wake up the network, any node can send a so-called
wake-up signal.
Master
Slave 1
Slave 2
1 sequence
Analog value:25
Analog
change
value
Analog value:38
25
25
38
38
LIN
Bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com