Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2281 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN2281
Description  Low cost self-synchronizing PMAC motor drive using ST7FLITE35
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2281 Datasheet(HTML) 3 Page - STMicroelectronics

  AN2281 Datasheet HTML 1Page - STMicroelectronics AN2281 Datasheet HTML 2Page - STMicroelectronics AN2281 Datasheet HTML 3Page - STMicroelectronics AN2281 Datasheet HTML 4Page - STMicroelectronics AN2281 Datasheet HTML 5Page - STMicroelectronics AN2281 Datasheet HTML 6Page - STMicroelectronics AN2281 Datasheet HTML 7Page - STMicroelectronics AN2281 Datasheet HTML 8Page - STMicroelectronics AN2281 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
AN2281
Theory of operation
3/38
1
Theory of operation
Standard induction motors, normally designed to run at base speeds between 850 to 3500
rpm, are not particularly well suited to low-speed operation, as their efficiency drops with the
reduction in speed. They may also be unable to deliver sufficient smooth torque at low
speeds.
The use of a gearbox is the traditional mechanical solution to this problem. However, the
gearbox is a complicated piece of machinery that takes up space, reduces efficiency, and
needs both maintenance and significant quantities of oil. Replacing the gearbox with
permanent magnet motors/drive configurations saves space and installation costs, energy
and maintenance, and provides more flexibility in production and facility design. These
motors use magnets to produce the magnetic rotor field rather than the magnetizing
component of the stator current like in the induction motor.
Figure 1 shows a cross section of a typical permanent magnet (PM) motor. The rotor has an
iron core on the surface of which is mounted a thin permanent magnet. An alternating
magnet of opposing magnetization produces radial directed flux density across the air gap.
This flux then reacts with currents in the stator windings to produce torque.
The two most common types of brushless PM motors are classified as:
●
Synchronous, with a uniformly rotating stator field as an induction motor. This type is
also referred to as PMAC (BLAC)
●
Switched or trapezoidal, with stator fields that are switched in discrete steps. This type
is also referred to as PMDC (BLDC)
Figure 1.
Cross-section of PM motors
1 pole pair
3 pole pairs
N
N
N
S
S
S
N
S
a
-c
b
-a
c
-b
a
-c
b
-a
c
-b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com