Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2281 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN2281
Description  Low cost self-synchronizing PMAC motor drive using ST7FLITE35
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2281 Datasheet(HTML) 4 Page - STMicroelectronics

  AN2281 Datasheet HTML 1Page - STMicroelectronics AN2281 Datasheet HTML 2Page - STMicroelectronics AN2281 Datasheet HTML 3Page - STMicroelectronics AN2281 Datasheet HTML 4Page - STMicroelectronics AN2281 Datasheet HTML 5Page - STMicroelectronics AN2281 Datasheet HTML 6Page - STMicroelectronics AN2281 Datasheet HTML 7Page - STMicroelectronics AN2281 Datasheet HTML 8Page - STMicroelectronics AN2281 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
Theory of operation
AN2281
4/38
Figure 2 provides a direct comparison of ideal current excitation waveforms for typical three-
phase sinusoidal and trapezoidal PM motors.
Figure 2.
Sinusoidal (PMAC) and trapezoidal (PMDC or 6-step) current excitation
PMDC motors are specifically designed to develop nearly constant output torque when
excited with a six-step switched current waveform. Their stator windings are concentrated
into narrow phase belts. The resulting back-EMF voltage, induced in each stator phase
winding during rotation, can be modeled quite accurately as a trapezoidal waveform.
PMAC motors are, on the contrary, specifically designed to be excited with a sinusoidal
current waveform. Their stator windings are typically distributed over multiple slots in order
to approximate a sinusoidal distribution so that the resulting back-EMF waveforms
generated are sinusoidal shaped.
Except for the intrinsic characteristics of stator windings, a PM machine can be excited with
both drive methods without any great loss of efficiency. The main difference between the two
types of excitation consists of the acoustic noise generated. The abrupt variation of the
trapezoidal phase current, in fact, generally introduces a great amount of acoustic and
electronic noise in comparison to the sinusoidal phase current.
In the 6-step PMDC method, one of the three phases is always unexcited, making it possible
to access back-EMF zero-crossing (i.e. rotor position) information, while in a PMAC motor
drive the three phases are always excited during the electrical period, making it necessary
to use at least one rotor position sensor.
Nevertheless, the relatively reduced amount of noise when a PM motor is excited with
sinusoidal current in comparison to 6-step excitation makes it the preferred choice for all
applications in which audible noise is a critical issue.
Actually, some complex algorithms for driving PMAC sensorless motors have been
developed, but they require more computational power than would be available from an 8-bit
microcontroller.
Phase A
Phase B
Phase C
120°
240°
(a) Sinusoidal
(b) Trapezoidal
240°
120°
123
456



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com