Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2288 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN2288
Description  Single-phase energy meter with tamper detection based on ST7FLITE2x
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2288 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN2288 Datasheet HTML 3Page - STMicroelectronics AN2288 Datasheet HTML 4Page - STMicroelectronics AN2288 Datasheet HTML 5Page - STMicroelectronics AN2288 Datasheet HTML 6Page - STMicroelectronics AN2288 Datasheet HTML 7Page - STMicroelectronics AN2288 Datasheet HTML 8Page - STMicroelectronics AN2288 Datasheet HTML 9Page - STMicroelectronics AN2288 Datasheet HTML 10Page - STMicroelectronics AN2288 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
AN2288
Theory
7/29
So, the average active energy over a time period with N samples is:
There is delay (
δ) between each voltage and current sample, due to this the real phase shift
angle (
α) between v(t) and i(t) is different than theoretical phase shift angle (φ). So, there is
a discrete error (
ε
d):
The average
ε
d will be 0. So, Ed = E.
There is also error due to non-simultaneous sampling, which is shift error (
ε
ns):
The total active energy including not simultaneous sampling will be:
3.1
Analog front end
The ADC used in this application is only one 10-bit SAR ADC for current as well as voltage
sampling. The voltage is reduced by potential divider and lifted up by Vdd/2 (e.g. 2.5V) and
then given to one of the ADC channels of ST7Lite20 microcontroller to get the digital
converted value after every 200us. The Lite2 timer RTC2 interrupt is used to get 200us.
The current value is measured using a current transformer with a 1:5000 turn ratio and with
36 Ohm shunt resistance. The voltage induced across the current transformer is lifted up by
3VDD/4 (e.g. 3.75V) to make the induced voltage unipolar (because the microcontroller
works in one direction only). Two analog switches are used for tampering detection
phenomena. The output of both switches are connected, but the inputs are different, one
from phase line and the other one from neutral line. The output goes to gain multipliers e.g.
operational amplifiers. There are four gain multipliers implemented by three operation
amplifiers and with one analog switch. The gain factors are x2, x8, x32 and x128. The x32
and x128 are multiplexed using one op-amp and one analog switch. The output of the gain
multipliers goes to the ADC channels of the microcontroller. The active channel for current is
selected based on current range.
E
d
t
sampling
vk
ik
×
K=0
N-1
∑
=
ε
d
VI
×
2N
×
-------------
2
α 2Kωt φ
–
+
()
cos
K=0
N-1
∑
=
P
d
P
ε
d
+
=
ε
ns
VI
×
2
-----------
δφ
()
sin
δ
N
----
2
α 2Kωt φ
–
+
()
cos
K0
=
N1
–
∑
+
=
P
ns
P
ε
ns
ε
d
++
=
P
ns
P
ε
ns
+
=
E
ns
E
d
ε
d
∑
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com