Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2288 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN2288
Description  Single-phase energy meter with tamper detection based on ST7FLITE2x
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2288 Datasheet(HTML) 4 Page - STMicroelectronics

  AN2288 Datasheet HTML 1Page - STMicroelectronics AN2288 Datasheet HTML 2Page - STMicroelectronics AN2288 Datasheet HTML 3Page - STMicroelectronics AN2288 Datasheet HTML 4Page - STMicroelectronics AN2288 Datasheet HTML 5Page - STMicroelectronics AN2288 Datasheet HTML 6Page - STMicroelectronics AN2288 Datasheet HTML 7Page - STMicroelectronics AN2288 Datasheet HTML 8Page - STMicroelectronics AN2288 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
Features
AN2288
4/29
1
Features
●
Cost-Effective and Flexible Single-Phase Energy Meter
●
ASSP is not used; microcontroller is doing all the measurements and calculations
●
Fulfils IEC 61036:1996 + A1: 2000, Static meter for active energy (classes 1 and 2) for
Ib=10A and Imax=55A
●
Meter starts at few mA
●
Detects, Signals and Continues to Measure Accurately under tamper Condition
●
Compact design with Internal Flash memory, SRAM and external EEPROM
●
External EEPROM used to store calibration parameters, tampering information and
accumulated kWh. This is more secure than using internal EEPROM, as it keeps the
data away from the risk being lost on a burnt microcontroller.
●
Flexibility to use External or Internal EEPROM by changing only the sales type to
ST7FLITE29 (embedded with 256 bytes of EEPROM) without changing the hardware
design
●
Gain multipliers (Operation Amplifier) are used for wider range of load with Ib=10A and
Imax=5.5Ib
●
Large line voltage operable range from 140V to 300V
●
Active power, current, voltage, power factor and line frequency measurements
●
RTC for displaying current date and time
●
LCD module for display accumulated kWh, Vrms, Irms, power factor, line frequency,
current date and time
●
Secure and reprogrammable Flash memory enables flexible firmware updates up to
10k cycles
●
Adjustable Active Energy Pulse Output goes up to 32 000 Impulses/kWh
●
Large Compensation of Phase difference generated by CTs by hardware (increasing or
decreasing capacitor values at current channel)
●
One-Time, Quick, and Accurate Digital Calibration gives added benefits like more
accurate calibration and no need for Trimming external components



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com