Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2288 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2288
Description  Single-phase energy meter with tamper detection based on ST7FLITE2x
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2288 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2288 Datasheet HTML 1Page - STMicroelectronics AN2288 Datasheet HTML 2Page - STMicroelectronics AN2288 Datasheet HTML 3Page - STMicroelectronics AN2288 Datasheet HTML 4Page - STMicroelectronics AN2288 Datasheet HTML 5Page - STMicroelectronics AN2288 Datasheet HTML 6Page - STMicroelectronics AN2288 Datasheet HTML 7Page - STMicroelectronics AN2288 Datasheet HTML 8Page - STMicroelectronics AN2288 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
AN2288
Overview
5/29
2
Overview
Power meters / Energy Meters are also known as kiloWatt-hour meters. As per definition,
energy consumed is a measure of work that is done over a known time period. Suppose, a
heater of 2kW is ON for half an hour, the consumed energy will be 2000W * 1800s =
3 600 000W-s (Watt-second), which is 1kWh.
The Active Energy Pulse output of 50% duty cycle is an indication of active power
consumed, as measured by the power meter. If the active power is higher, the frequency of
the pulse will also be higher. The pulse count gives the active energy measured by the
meter. The greater the number of pulse counts, the greater the amount of consumed active
energy. The pulse output frequency is easily configurable by software. The current software
has 3,200 impulses per kiloWatt-hour.
All the measurements can be calibrated by software, so there is no need for any trimming
components. With the firmware, phase difference created between voltage and current due
to current transformer can also be compensated. Because only one ADC is used to convert
both analog voltage and current signal into digital form and there is no dual sampling feature
available in the ST7FLITE20 microcontroller, the shift error (the sampling difference
between voltage and current) can also be compensated by the firmware. The calibration
procedure can be automated, which removes the time-consuming manual trimming required
in traditional, electromechanical meters. Digital calibration is fast and efficient, reducing the
overall production time and cost. Calibration coefficients, accumulated kWh and tampering
information are safely stored on the external EEPROM. This is more secure than internal
EEPROM since data would be lost in the event of a burnt microcontroller. Internal EEPROM
can be used in place of external EEPROM by changing only the microcontroller (without any
change in hardware design), if the consumer or supplier prefers.
The most important part of the meter is the firmware which includes tampering detection
functionality in a single-phase meter. The firmware can be modified and updated at any time
by using In-Circuit Programming, even when the meter is installed and running. The
firmware is entirely written in C except some time critical routines which are written in
assembly, which makes modifications easy to implement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com