Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2390 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN2390
Description  A flexible universal battery charger
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2390 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN2390 Datasheet HTML 2Page - STMicroelectronics AN2390 Datasheet HTML 3Page - STMicroelectronics AN2390 Datasheet HTML 4Page - STMicroelectronics AN2390 Datasheet HTML 5Page - STMicroelectronics AN2390 Datasheet HTML 6Page - STMicroelectronics AN2390 Datasheet HTML 7Page - STMicroelectronics AN2390 Datasheet HTML 8Page - STMicroelectronics AN2390 Datasheet HTML 9Page - STMicroelectronics AN2390 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
Theory of operation
AN2390
6/42
The battery temperature is also monitored. If the battery overheats, charging is suspended
until the battery cools down.
Once the battery is saturated, its voltage is still monitored to prevent the battery from
discharging completely. If the battery voltage drops below VSAT, charging restarts until VF is
reached again. Charge time is reset when trickle charging starts.
Table 1.
Li-ion charge parameters used in the evaluation board
Symbol
Meaning
Value
Unit
VMAX
Maximum charging voltage
4.3
V
VF
Final battery voltage
4.2
VTRI
Trickle charge voltage
4.12
VFAST
Fast charge voltage
3.0
VSC
Battery failure voltage
1.5
IFAST
Fast charge current
1000
mA
ISAT
Battery saturation current
20
IFAIL
Short circuit current
1200
tFAIL
Battery failure time
30
s
tEXP
Charge expire time
4
h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com