Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2390 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN2390
Description  A flexible universal battery charger
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2390 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN2390 Datasheet HTML 4Page - STMicroelectronics AN2390 Datasheet HTML 5Page - STMicroelectronics AN2390 Datasheet HTML 6Page - STMicroelectronics AN2390 Datasheet HTML 7Page - STMicroelectronics AN2390 Datasheet HTML 8Page - STMicroelectronics AN2390 Datasheet HTML 9Page - STMicroelectronics AN2390 Datasheet HTML 10Page - STMicroelectronics AN2390 Datasheet HTML 11Page - STMicroelectronics AN2390 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
Theory of operation
AN2390
8/42
Once the battery is saturated, its voltage is still monitored to prevent the battery from
discharging completely. If the battery voltage drops below VTRI, charging restarts until VF is
reached again. Charge time is reset when trickle charging starts.
1.3
Slot management
In the demo, there are two different kinds of slots for charging Li-ion and NiMH battery
chemistries to show that it can support wide range of batteries. But the positive terminal of
one slot is shorted to the positive slot of another battery and similarly for the negative
terminals. So the system can support charging of only one battery at a time. Hence you
must take care to connect only one battery at a time to the charger. Otherwise the batteries
will be shorted together.
1.4
Man-machine interface
The charger periodically checks for battery presence so no button is needed to start or stop
charging. An LED is used to indicate the charge status as listed in Table 3..
A reset button is also included on the evaluation board to manually reset the application.
Table 2.
NiMH Charge parameters used in the evaluation board
Symbol
Meaning
Value
Unit
VMAX
Max Battery Voltage
1.7/Cell
V
VTRI
Trickle Charge Voltage
1.0V/Cell
VFAIL
Battery Failure Voltage
0.9/Cell
ICONST
Constant Charge Current
1000
mA
ITRICKLE_1
Initial Trickle Charging Current
250
ISAT
Battery Saturation Current
65
IFAIL
Short Circuit Current
1200
tINITIAL
Initial Delay
10
minutes
tFAIL
Battery Failure Time
30
tEXP
Charge Expire Time
4
h
tFAST
Fast Charging Time
2
Table 3.
LED slot status color code
LED output
Charging status
OFF
No battery in the slot
Flashing @ 1 Hz
Charging ongoing
Flashing @ 2 Hz
Problem in charging
ON
Battery Present/ Charging Complete



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com