Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2390 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN2390
Description  A flexible universal battery charger
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2390 Datasheet(HTML) 1 Page - STMicroelectronics

  AN2390 Datasheet HTML 1Page - STMicroelectronics AN2390 Datasheet HTML 2Page - STMicroelectronics AN2390 Datasheet HTML 3Page - STMicroelectronics AN2390 Datasheet HTML 4Page - STMicroelectronics AN2390 Datasheet HTML 5Page - STMicroelectronics AN2390 Datasheet HTML 6Page - STMicroelectronics AN2390 Datasheet HTML 7Page - STMicroelectronics AN2390 Datasheet HTML 8Page - STMicroelectronics AN2390 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
August 2007
Rev 1
1/42
AN2390
Application note
A flexible universal battery charger
Introduction
In everyday life, more and more portable electronic appliances, such as mobile phones, are
powered by re-chargeable batteries so the demand for battery chargers for charging these
batteries is increasing all the time.
This Application Note describes a cost-effective way to implement an intelligent battery
charger for charging Li-ion and NiMH batteries as shown in Figure 1.
Figure 1.
Universal battery charger evaluation board (STEVAL-ISB002V1)
It is based on a evaluation board built around the ST72324L microcontroller with a demo
application code.
While the evaluation board described in this Application note is intended to be used for
single cell Li-ion battery or 2 cell NiMH batteries you can customize this charger for a wide
range of batteries because of the flexibility of the MCU and of the buck boost converter. The
ST72324L MCU was selected for its main features, an embedded 10-bit A/D converter (to
efficiently measure voltage, current and temperature), 16-bit timer (to generate PWM
signals), main clock controller (to generate a time base signal) and 8 Kbytes of program
memory which is more than enough to hold the algorithm for various battery chemistries.
You can choose any other MCU that has similar capability. An LED is also used to indicate
the charge status.
www.st.com


Similar Part No. - AN2390

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2393 STMICROELECTRONICS-AN2393 Datasheet
608Kb / 35P
Reference design: wide range 200W L6599-based
25-Oct-2007
AN2394 STMICROELECTRONICS-AN2394 Datasheet
163Kb / 13P
The purpose of this application note
06-Dec-2007
AN2399 STMICROELECTRONICS-AN2399 Datasheet
429Kb / 22P
RFID library for SR176 tag management with STR71x
31-Jan-2008
More results

Similar Description - AN2390

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GSAC-8.507BC STMICROELECTRONICS-GSAC-8.507BC Datasheet
57Kb / 4P
BATTERY CHARGER
Feb-1994
logo
Power Integrations, Inc...
DI-12 POWERINT-DI-12 Datasheet
44Kb / 2P
16 W, Universal Input, Lead Acid Battery Charger
logo
STMicroelectronics
AN1283 STMICROELECTRONICS-AN1283 Datasheet
324Kb / 7P
A BATTERY CHARGER USING TSM101
May-2001
logo
Texas Instruments
LM3647 TI1-LM3647 Datasheet
568Kb / 19P
Universal Battery Charger
logo
Shanghai Consonance Ele...
CN3059 CONSONANCE-CN3059 Datasheet
205Kb / 12P
Battery Charger
logo
SHENZHEN FUMAN ELECTRON...
TC3586 FUMAN-TC3586 Datasheet
252Kb / 5P
Universal charger
TC3588 FUMAN-TC3588 Datasheet
216Kb / 6P
Universal charger
TC3588C FUMAN-TC3588C Datasheet
139Kb / 6P
Universal charger
logo
Power Sonic Corporation
PSC-121000A-C POWER-SONIC-PSC-121000A-C Datasheet
334Kb / 1P
Sealed Lead Acid Battery Charger A-C Battery Charger Series
logo
Altech corporation
CB12245A ALTECH-CB12245A Datasheet
785Kb / 2P
Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com