Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2419 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN2419
Description  STR75x hardware development getting started
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2419 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN2419 Datasheet HTML 5Page - STMicroelectronics AN2419 Datasheet HTML 6Page - STMicroelectronics AN2419 Datasheet HTML 7Page - STMicroelectronics AN2419 Datasheet HTML 8Page - STMicroelectronics AN2419 Datasheet HTML 9Page - STMicroelectronics AN2419 Datasheet HTML 10Page - STMicroelectronics AN2419 Datasheet HTML 11Page - STMicroelectronics AN2419 Datasheet HTML 12Page - STMicroelectronics AN2419 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
AN2419
Clocks
9/22
2
Clocks
2.1
Clock overview
Figure 6.
Clock overview
Several on-chip oscillators can feed the MCU system clock (CK_SYS) from which the HCLK
and PCLK derive:
●
FREEOSC: Internal Free Running Oscillator providing a clock between 1 and 10MHz,
also used as emergency clock. It consists of the internal VCO of the PLL configured in
free running mode
●
OSC4M: 4MHz or 8MHz Main Oscillator (Crystal or Ceramic oscillator or external
clock)
–
a 4 MHz Crystal/Ceramic oscillator connected to XT1/XT2
–
or an 8 MHz Crystal/Ceramic oscillator to XT1/XT2 followed by a divider by 2
–
or external clock connected to XT1
●
OSC32K: 32.768kHz Oscillator (Crystal or Ceramic oscillator) which can drive either
the system clock and/or the RTC.
●
LPOSC: Internal Low Power RC Oscillator providing a clock around 300kHz which can
drive either the system clock and/or the RTC.
Several configurable dividers provide a high degree of flexibility to the application in the
choice of the APB or AHB frequency, while keeping a fixed frequency value for the USB
clock (48 MHz).
XT1
XT2
XRTC1
XRTC2
USB_CK
OSC4M
PLL
AHB & APB
1-10 MHz
UP TO 64 MHz
48 MHz
4MHz
CKD FLAG
HCLK
PCLK
CK_TIM
UP TO 64MHz
UP TO 32MHz
UP TO 64MHz
DIVIDERS
CK_USB
48 MHz
RTC
OSC32K
LPOSC
/128
32kHz
ALARM
WAKEUP
CK_SYS
300kHz
CLOCK
DETECTOR
PLL
FREEOSC
CKD FLAG
For further details see the Reference manual UM0191.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com