Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2419 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2419
Description  STR75x hardware development getting started
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2419 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2419 Datasheet HTML 1Page - STMicroelectronics AN2419 Datasheet HTML 2Page - STMicroelectronics AN2419 Datasheet HTML 3Page - STMicroelectronics AN2419 Datasheet HTML 4Page - STMicroelectronics AN2419 Datasheet HTML 5Page - STMicroelectronics AN2419 Datasheet HTML 6Page - STMicroelectronics AN2419 Datasheet HTML 7Page - STMicroelectronics AN2419 Datasheet HTML 8Page - STMicroelectronics AN2419 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
AN2419
Power supplies
5/22
Figure 1.
Power supply scheme 1 (single 3.3V supply
, VREGDIS=0) in NORMAL mode
1.2.2
Power scheme 2: dual external 3.3V and 1.8V power sources
In this configuration, the internal voltage regulators are switched off by forcing the
VREG_DIS pin to high level. This scheme has the advantage of saving power consumption
when the 1.8V power supply is already available in the application. V18 and V18_BKP are
provided externally through the V18REG, V18 and V18_BKP power pins.
●
The external 3.3V power supply must always be kept on.
●
VREG_DIS pin is tied to high level which disables the Main Voltage Regulator and
the Low Power Voltage Regulator.
Caution:
When powered by 5.0V, the USB peripheral cannot operate.
●
All digital power pins (V18REG, V18 and V18_BKP) must be externally shorted to the
same 1.8V power supply source.
●
In this scheme, STANDBY Mode is not available.
V18_BKP
VDD_ADC
VSS_ADC
VSS_PLL
VSS_IO
VDD_IO
V18REG
VDD_PLL
VSS18
VSS_BKP
VREG_DIS
V18
1µF
VSS18
STR750
33nF
10µF
+3.3V
+3.3V
+3.3V
1µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com