Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2647 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN2647
Description  Using the STR91xFA external memory interface
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2647 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN2647 Datasheet HTML 3Page - STMicroelectronics AN2647 Datasheet HTML 4Page - STMicroelectronics AN2647 Datasheet HTML 5Page - STMicroelectronics AN2647 Datasheet HTML 6Page - STMicroelectronics AN2647 Datasheet HTML 7Page - STMicroelectronics AN2647 Datasheet HTML 8Page - STMicroelectronics AN2647 Datasheet HTML 9Page - STMicroelectronics AN2647 Datasheet HTML 10Page - STMicroelectronics AN2647 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
AN2647
Interfacing with asynchronous memory
7/34
Read bus cycle timing configuration
Figure 3. shows a typical Read Bus Cycle. All bus timings are referenced to the internal
BCLK clock signal. BCLK clock is only available on an external pin for various usage on the
144 pin BGA package.
Figure 3.
Read bus cycle, 16-bit multiplexed bus
EMI_ALE signal configuration
The EMI_ALE signal is used to latch the address A0-15 by the external address latch, or as
a direct input to memory device that have an ALE pin. The EMI_ALE by default is one BCLK
period in length with active high polarity. It can be programmed to be 2 BCLK period in
asynchronous mode and the polarity can be active low. The ALE length and polarity are
defined in the SCU_SCR0 register.
Address A0-A15 are valid at the leading edge of EMI_ALE and are driven for another half
BCLK period after the trailing edge. The AD bus is tri-stated after the address phase is over.
A16-23 are not multiplexed and remain stable until the end of the bus cycle.
EMI_RD signal configuration
The EMI_RDn timing is controlled by the WSTRD value in the EMI_RCRx register (Read
Wait State Control) and the WSTOEN value in the EMI_OECRx register (Output Enable
Control).
●
WSTOEN: Output Enable. WSTOEN specifies the delay between the assertion of the
chip select and the time EMI_RDn signal goes low. The delay is defined in terms of
tBCLK.
The minimum WSTOEN value is 2 in a multiplexed bus (for ALE with one BCLK period
width). EMI_RDn becomes active after 2 tBCLK so as not to overlap the address phase
of the bus cycle.
●
WSTRD: Read wait state. WSTRD specifies the pulse width, or the rising edge of
EMI_RDn. The pulse width is defined in terms of number of tBLCK and is = (WSTRD-
WSTOEN+1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com