Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN3147 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN3147
Description  Power management in STM8L and STM8AL
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3147 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN3147 Datasheet HTML 2Page - STMicroelectronics AN3147 Datasheet HTML 3Page - STMicroelectronics AN3147 Datasheet HTML 4Page - STMicroelectronics AN3147 Datasheet HTML 5Page - STMicroelectronics AN3147 Datasheet HTML 6Page - STMicroelectronics AN3147 Datasheet HTML 7Page - STMicroelectronics AN3147 Datasheet HTML 8Page - STMicroelectronics AN3147 Datasheet HTML 9Page - STMicroelectronics AN3147 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
Power consumption factors
AN3147
6/25
DocID17035 Rev 3
1
Power consumption factors
The STM8L and STM8AL microcontrollers are digital logic devices using the complementary
metal oxide semiconductor (CMOS) technology. In these type of devices, power
consumption is a sum of:
Static power (mainly caused by transistor polarization and leakage)
Dynamic power which depends on the supply voltage and the clock frequency. It is
calculated from the formula: Dynamic power = C x V² x f, where:
–
C is the CMOS load capacitance
–
V is the supply voltage
–
f is the clock frequency.
Static consumption is negligible compared to dynamic consumption when the clock is
running. In some low power modes, when no clock is running, static consumption is the
main consumption source.
Total consumption is a sum of static and dynamic consumption
Consequently, power consumption depends on:
The microcontroller unit (MCU) chip size: technology used, number of transistors,
analog features/peripherals embedded and used in the application.
The MCU supply voltage: the amount of current used in CMOS logic is directly
proportional to the squared power supply voltage (V²). Thus, power consumption may
be reduced by lowering the MCU supply voltage. This is less critical for STM8L and
STM8AL devices than for other microcontrollers, as an internal voltage regulator is
used but this could have an influence for the remaining components on the board.
The clock frequency: Power consumption may be reduced by decreasing the clock
frequency when fast processing is not required by the application.
The number of active peripherals or used MCU features (CSS, BOR, PVD,...): the
greater the number of active peripherals or features, the greater the amount of
consumed power.
The operating mode: Power consumption depends on which mode a particular
application is running (CPU on/off, oscillator on/off,...). For an application powered by a
battery, the consumption is very important. Usually, the average consumption should
be below a certain target value to ensure an optimum battery lifetime. This means that
an application can consume more for short periods of time and keep its average current
consumption below the target value.
IDD
fIDynamicRun A MHz

IStatic A

+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com