Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN3147 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN3147
Description  Power management in STM8L and STM8AL
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3147 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN3147 Datasheet HTML 4Page - STMicroelectronics AN3147 Datasheet HTML 5Page - STMicroelectronics AN3147 Datasheet HTML 6Page - STMicroelectronics AN3147 Datasheet HTML 7Page - STMicroelectronics AN3147 Datasheet HTML 8Page - STMicroelectronics AN3147 Datasheet HTML 9Page - STMicroelectronics AN3147 Datasheet HTML 10Page - STMicroelectronics AN3147 Datasheet HTML 11Page - STMicroelectronics AN3147 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
Power supply
AN3147
8/25
DocID17035 Rev 3
2.1
Internal supply structure for STM8L101xx devices
The STM8L101xx devices are able to operate from 1.65 V up to 3.6 V, connected to one pair
of supply pins.
There are no dedicated supply pins for the analog voltage domain. It is recommended to
use a decoupling ceramic capacitor placed close to the supply pins.
In Run and Wait modes, both MVR and LPVR provide the VCORE.
In Halt/Active-halt modes, the LPVR is automatically used while the MVR is switched
off by the system in order to reduce current consumption.
2.2
Internal supply structure for STM8L05xxx, STM8L15xxx,
STM8L16xxx, STM8AL31xx and STM8AL3Lxx devices
Internal supply structure for STM8L05xxx, STM8L15xxx, STM8L16xxx, STM8AL31xx and
STM8AL3Lxx devices require a supply voltage of 1.8 V to 3.6 V. Once the supply voltage
reaches 1.8 V, the MCU can work down to 1.65 V with a limitation in the functionality of
analog peripherals (except STM8L05xxx).
These devices have several supply pins, depending on the package pincount. In addition to
the main supply pair VSS/VDD, another supply pin (VDDA) can be present on the package.
It is recommended to use a decoupling ceramic capacitor, placed close to the supply pins.
In Run and Wait modes, both MVR and LPVR provide the VCORE.
In Low power run mode and Low power wait mode, the MVR has to be switched off.
Only the LPVR provides the VCORE.
In Active-halt mode, during the Halt phase, either the MVR or the LPVR can provide the
VCORE. The user can select the regulator to be used.
In Halt mode, the LPVR is automatically used, once MVR is switched off.
2.2.1
Brownout detector (BOR)
The brownout detector is used to guarantee a proper functionality of all peripherals, mainly
analog ones. By default, this detector is enabled but the user can disable it through option
byte to decrease the MCU consumption by ~2.8 µA.
The BOR is mandatory to ensure a proper functionality of the product at power-down, to
cover a supply voltage area between VDD min. and VPDR.
Note:
The BOR is not available in STM8L101xx devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com