Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN3147 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN3147
Description  Power management in STM8L and STM8AL
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3147 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN3147 Datasheet HTML 6Page - STMicroelectronics AN3147 Datasheet HTML 7Page - STMicroelectronics AN3147 Datasheet HTML 8Page - STMicroelectronics AN3147 Datasheet HTML 9Page - STMicroelectronics AN3147 Datasheet HTML 10Page - STMicroelectronics AN3147 Datasheet HTML 11Page - STMicroelectronics AN3147 Datasheet HTML 12Page - STMicroelectronics AN3147 Datasheet HTML 13Page - STMicroelectronics AN3147 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
Clock management
AN3147
10/25
DocID17035 Rev 3
The default clock source after reset is HSI/8. The user can then switch the clock to different
frequencies and sources by using the following procedure:
On the STM8L101xx devices:
–
Choose the prescaler (/1, /2, /4 or /8) for an internal RC 16 MHz (HSI) clock
through the HSIDIV[1:0] bits in the CLK_CKDIVR register.
On the STM8L05xxx, STM8L15xxx, STM8L162xx, STM8AL31xx and STM8AL3Lxx
devices:
–
Choose the prescaler (/1, /2 ... /128) for an internal RC 16 MHz (HSI) clock
through the CKM[2:0] bits in the CLK_CKDIVR register.
–
Or, change the system clock (to HSE, LSE or LSI). Refer to the STM8L05xx,
STM8L15xx, STM8L162x, STM8AL31xx and STM8AL3Lxx microcontroller family
reference manual (RM0031) for more details about the clock switching
mechanism.
Before switching off a previous clock source when using automatic switching mode, the user
must ensure that the core is no longer running on the current clock. This means that the
previous clock must be turned off after the SWIF flag has been set. If the user tries to switch
off the clock and the SWIF flag has not been set by hardware, the current clock is not
switched off as the microcontroller is still running using this clock source.
Such clock switching can be combined with Wait mode (for example, if the HSE crystal is
the new clock) as clock switch execution interrupt can wake up the MCU from wait mode.
This enables the synchronization of the MCU wakeup with the new clock availability. The
clock switching feature can also be used at the beginning and the end of a regular or
interrupt routine to speed it up (for instance, if the clock master is LSI RC, but some parts of
the code have to be executed quickly with HSI RC).
Table 2. Clock sources
HSE oscillator
external HSE
HSI
external LSE
LSE crystal
LSI
Cost
Low to medium
Low to high
Free
Low to medium
Low to
medium
Free
Accuracy
~ ppm / %
depending on
external clock
~ %
depending on
external clock
~ ppm
~ %
Consumption
0.7 mA max
High/medium
100 µA
1.4 µA max
100 - 400 nA
Start-up time
1 ms
depending on
external clock
4µs
depending on
external clock
1s
200µs max
Other
information
Crystal or
ceramic
resonator
Clock already
existing in the
system
-
Clock already
existing in the
system
Watch crystal
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com