Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN3265 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN3265
Description  Handling hardware and software failures with the STM8S-DISCOVERY
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3265 Datasheet(HTML) 5 Page - STMicroelectronics

  AN3265 Datasheet HTML 1Page - STMicroelectronics AN3265 Datasheet HTML 2Page - STMicroelectronics AN3265 Datasheet HTML 3Page - STMicroelectronics AN3265 Datasheet HTML 4Page - STMicroelectronics AN3265 Datasheet HTML 5Page - STMicroelectronics AN3265 Datasheet HTML 6Page - STMicroelectronics AN3265 Datasheet HTML 7Page - STMicroelectronics AN3265 Datasheet HTML 8Page - STMicroelectronics AN3265 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
AN3265
Application description
Doc ID 17860 Rev 1
5/19
1
Application description
1.1
Hardware requirements
No on-board resources are required.
Table 1 gives the list of the external components used by the application.
Table 1.
List of external components
Component name
Value
Comments
LD2, LD3, LD4, LD5
-
Standards LEDs
R2, R3, R4, R5
510
Ω
Protective resistors
C
100 nF
Debounce filter
Button1
-
Standard pushbutton
Button2
-
Standard pushbutton
C1
470 nF
Capacitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com