Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN3397 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN3397
Description  Temperature sensor example using the STM8L-DISCOVERY board
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3397 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN3397 Datasheet HTML 2Page - STMicroelectronics AN3397 Datasheet HTML 3Page - STMicroelectronics AN3397 Datasheet HTML 4Page - STMicroelectronics AN3397 Datasheet HTML 5Page - STMicroelectronics AN3397 Datasheet HTML 6Page - STMicroelectronics AN3397 Datasheet HTML 7Page - STMicroelectronics AN3397 Datasheet HTML 8Page - STMicroelectronics AN3397 Datasheet HTML 9Page - STMicroelectronics AN3397 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Temperature sensor overview
AN3397
6/24
Doc ID 018809 Rev 1
1.3
Temperature sensor accuracy
Without calibration the TS is likely to give error readings in the order of ±30 °C. If the sensor
is calibrated, significantly more accurate temperature measurements can be obtained. For
example, if the TS characteristic slope and offset are calibrated, a five-fold improvement in
accuracy over the full temperature range can be obtained. Even greater accuracy is possible
if the temperature range is limited (see Figure 1).
STM8L15xxx devices are provided with a calibration data point, V90, which is factory
measured at hot temperatures (90 °C ± 5 °C) during the manufacturing process and stored
in the protected memory area of the device at address 0x4911 (see device datasheet for
details). This single calibration point may be sufficient depending on the precision required
by the application, but it is highly recommended to perform a second calibration point (user
calibration point) at ambient temperature.
Devices with a two-point calibration are generally suitable for most embedded applications
because the deviation versus the ideal linear curve is restrained and the individual
characteristics of the temperature sensor are respected.
1.4
Temperature sensor engineering tolerance
The engineering tolerance of the temperature estimation is illustrated in Figure 1. It is limited
by two boundary lines: the minimum biased values (green line) and the maximum biased
values (blue line). This tolerance is directly linked to both the temperature margin of the
factory calibrated data at hot temperatures (V90 = 90 °C ± 5 °C) and the Avg_slope
uncertainty (1.62 mV/°C ± 0.03 mV/°C) specified in the STM8L15xxx datasheets.
Figure 1 shows that the user calibration point significantly improves the accuracy of the
temperature measurement since reducing the whole temperature tolerance area to a lower
range means that more reasonable results are obtained. The recommended position of the
calibration points should be as close as possible to the minimum and maximum values of
the measurement range to cover the full device temperature range. However, the user
calibration point can be performed at ambient temperature (20 °C to 25 °C) as it is the
easiest way to proceed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com