Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN3397 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN3397
Description  Temperature sensor example using the STM8L-DISCOVERY board
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3397 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN3397 Datasheet HTML 4Page - STMicroelectronics AN3397 Datasheet HTML 5Page - STMicroelectronics AN3397 Datasheet HTML 6Page - STMicroelectronics AN3397 Datasheet HTML 7Page - STMicroelectronics AN3397 Datasheet HTML 8Page - STMicroelectronics AN3397 Datasheet HTML 9Page - STMicroelectronics AN3397 Datasheet HTML 10Page - STMicroelectronics AN3397 Datasheet HTML 11Page - STMicroelectronics AN3397 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
Temperature sensor overview
AN3397
8/24
Doc ID 018809 Rev 1
Equation 1
Solving with values: (4 x 3/(4096 * 1.62 mV/°C) = ±1.80 °C.
3.
The maximum calibration related error is considered to be ±0.25 °C at ambient
temperature. In this situation, the temperature error (±0.25 °C) is linked to the accuracy
of the thermometer.
Total temperature error calculation
Consequently, the total measurement error at 25 °C is the sum of the ADC TUE in °C
(±1.80 °C) and the calibration related error (±0.25 °C) which is ±2.05 °C.
Note:
The linearity error is cancelled at the user calibration point since it is obtained from the
measurement.
By using Thales theorem, we can estimate the temperature error for any point in the
temperature sensor range.
First, ‘I’ (see Figure 1) must be calculated (using Thales theorem).
Solving with values: 0. 5/10 = (24.75 - I)/(85 - I)
Therefore, I = 21.6
An example of the calculation error at 50 °C is as follows:
Solving with values: (50 - 21.6)/(85 - 21.6) = Error(50 °C)/10
Therefore, the calculation error at 50 °C = ±4.47 °C.
ADC TUE (°C)
TUE
V
REF
12bits ADC

------------------------------------


avg_slope
------------------------------------------------------------
=
Error (25 °C)
Error (90 °C)
----------------------------------
IA
IC
------
=
IB
IC
------
Error (50 °C)
Error (85 °C)
----------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com