Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UM0324 Datasheet(PDF) 53 Page - STMicroelectronics

Part # UM0324
Description  This user manual describes
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0324 Datasheet(HTML) 53 Page - STMicroelectronics

Back Button UM0324 Datasheet HTML 49Page - STMicroelectronics UM0324 Datasheet HTML 50Page - STMicroelectronics UM0324 Datasheet HTML 51Page - STMicroelectronics UM0324 Datasheet HTML 52Page - STMicroelectronics UM0324 Datasheet HTML 53Page - STMicroelectronics UM0324 Datasheet HTML 54Page - STMicroelectronics UM0324 Datasheet HTML 55Page - STMicroelectronics UM0324 Datasheet HTML 56Page - STMicroelectronics UM0324 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 105 page
background image
UM0324
Library functions
53/105
SVPWM_IcsInit
SVPWM_IcsCurrentReadingCalibration
Synopsis
void SVPWM_IcsInit(void);
Description
The purpose of this function is to set-up microcontroller peripherals for
performing ICS reading and center aligned PWM generation.
The function initializes EIC, ADC, GPIO, and PWM peripherals.
In particular ADC and PWM peripherals are configured to perform one
injected chain of two A/D conversions every time PWM registers are
updated (event called U event).
Refer to Section 4.3.3 for further information on A/D conversion
triggering in ICS configuration.
Input
None.
Returns
None.
Note
It must be called at main level.
Functions called Standard library:
MRCC_PeripheralClockConfig, GPIO_Init, EIC_IRQInit,
EIC_IRQCmd, PWM_DeInit, PWM_StructInit, PWM_Init,
PWM_TRGOSelection, PWM_ClearFlag, PWM_ITConfig,
PWM_ResetCounter, ADC_StructInit, ADC_Init, ADC_Cmd,
ADC_StartCalibration, ADC_ConversionCmd, PWM_Cmd.
Motor control library:
SVPWM_IcsCurrentReadingCalibration
Synopsis
void SVPWM_IcsCurrentReadingCalibration(void);
Description
The purpose of this function is to store the two analog voltages
corresponding to zero current values for compensating the offset
introduced by both ICS and amplification network.
Input
None.
Returns
None.
Note
The function must be called before PWM outputs are enabled so that
current flowing through inverter legs is zero. When using the STR750
MC Kit, ICS sensors must be supplied before the control board
(MB469B). This way, the current sensing conditioning network can
reach steady state before performing calibration.
Functions called Standard Library:
ADC_GetFlagStatus, ADC_ConversionCmd,
ADC_GetConversionValue



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com