Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PM0215 Datasheet(PDF) 73 Page - STMicroelectronics

Part # PM0215
Description  STM32F0xxx Cortex-M0 programming manual
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0215 Datasheet(HTML) 73 Page - STMicroelectronics

Back Button PM0215 Datasheet HTML 69Page - STMicroelectronics PM0215 Datasheet HTML 70Page - STMicroelectronics PM0215 Datasheet HTML 71Page - STMicroelectronics PM0215 Datasheet HTML 72Page - STMicroelectronics PM0215 Datasheet HTML 73Page - STMicroelectronics PM0215 Datasheet HTML 74Page - STMicroelectronics PM0215 Datasheet HTML 75Page - STMicroelectronics PM0215 Datasheet HTML 76Page - STMicroelectronics PM0215 Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 91 page
background image
PM0215
Core peripherals
Doc ID 022979 Rev 1
73/91
4.2.6
Interrupt priority register (IPR0-IPR7)
Address offset: 0x0300
Reset value: 0x0000 0000
The IPR registers provide an 8-bit priority field for each interrupt. These registers are only
word-accessible. Each register holds four priority fields, as shown in Figure 14.
Figure 14.
IPR register mapping
See Interrupt set-enable register (ISER) on page 71 Accessing the Cortex-M0 NVIC
registers using CMSIS on page 70 for more information about the interrupt priority array, that
provides the software view of the interrupt priorities.
Find the IPR number and byte offset for interrupt N as follows:
The corresponding IPR number, M, is given by M = N DIV 4
The byte offset of the required Priority field in this register is N MOD 4, where:
byte offset 0 refers to register bits[7:0]
byte offset 1 refers to register bits[15:8]
byte offset 2 refers to register bits[23:16]
byte offset 3 refers to register bits[31:24].
Table 27.
IPR bit assignments
Bits
Name
Function
[31:24]
Priority, byte offset 3 Each priority field holds a priority value, 0-192. The lower the value,
the greater the priority of the corresponding interrupt. The processor
implements only bits[7:6] of each field, bits[5:0] read as zero and
ignore writes. This means writing 255 to a priority register saves
value 192 to the register.
[23:16]
Priority, byte offset 2
[15:8]
Priority, byte offset 1
[7:0]
Priority, byte offset 0
35,B

 
 
 

35,B
35,B
35,B
,35
35,B Q
35,B Q
35,B Q
35,B Q
,35Q
35,B
35,B
35,B
35,B
,35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com