Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PM0215 Datasheet(PDF) 27 Page - STMicroelectronics

Part # PM0215
Description  STM32F0xxx Cortex-M0 programming manual
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0215 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button PM0215 Datasheet HTML 23Page - STMicroelectronics PM0215 Datasheet HTML 24Page - STMicroelectronics PM0215 Datasheet HTML 25Page - STMicroelectronics PM0215 Datasheet HTML 26Page - STMicroelectronics PM0215 Datasheet HTML 27Page - STMicroelectronics PM0215 Datasheet HTML 28Page - STMicroelectronics PM0215 Datasheet HTML 29Page - STMicroelectronics PM0215 Datasheet HTML 30Page - STMicroelectronics PM0215 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 91 page
background image
PM0215
The STM32 Cortex-M0 processor
Doc ID 022979 Rev 1
27/91
If another higher priority exception occurs during exception entry, the processor starts
executing the exception handler for this exception and does not change the pending status
of the earlier exception. This is the late arrival case.
Exception return
Exception return occurs when the processor is in Handler mode and executes one of the
following instructions to load the EXC_RETURN value into the PC:
a POP instruction that loads the PC
a BX instruction using any register.
EXC_RETURN is the value loaded into the LR on exception entry. The exception
mechanism relies on this value to detect when the processor has completed an exception
handler.
Bits[31:4] of an EXC_RETURN value are 0xFFFFFFF. When the processor loads a value
matching this pattern to the PC it detects that the operation is a not a normal branch
operation and, instead, that the exception is complete. Therefore, it starts the exception
return sequence. Bits[3:0] of the EXC_RETURN value indicate the required return stack and
processor mode as shown in Table 13.
Table 13.
Exception return behavior
EXC_RETURN[31:0]
Description
0xFFFFFFF1
Return to Handler mode.
Exception return gets state from the main stack.
Execution uses MSP after return.
0xFFFFFFF9
Return to Thread mode.
Exception return gets state from MSP.
Execution uses MSP after return.
0xFFFFFFFD
Return to Thread mode.
Exception return gets state from PSP.
Execution uses PSP after return.
All other values
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com