Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UM0851 Datasheet(PDF) 128 Page - STMicroelectronics

Part # UM0851
Description  SPEAr is a family of highly customizable ARM-based embedded
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0851 Datasheet(HTML) 128 Page - STMicroelectronics

Back Button UM0851 Datasheet HTML 124Page - STMicroelectronics UM0851 Datasheet HTML 125Page - STMicroelectronics UM0851 Datasheet HTML 126Page - STMicroelectronics UM0851 Datasheet HTML 127Page - STMicroelectronics UM0851 Datasheet HTML 128Page - STMicroelectronics UM0851 Datasheet HTML 129Page - STMicroelectronics UM0851 Datasheet HTML 130Page - STMicroelectronics UM0851 Datasheet HTML 131Page - STMicroelectronics UM0851 Datasheet HTML 132Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 245 page
background image
Non-volatile memory device drivers
UM0851
128/245
Doc ID 16604 Rev 2
nand_ctrl.tclr = 0x04;
/* Command Latch Low to Read Enable Low */
/* Call FSMC API */
fsmc_set_nand_control (bank, &nand_ctrl);
/* Fills the structure for Timing parameter */
nand_timing.data_bus_hiz_phase = 0x1;
/*timing from start of cycle and enable data
out bus (only for write mode). */
nand_timing.addr_hold_phase = 0x4;
/* Time from enable off and end of cycle.
(Both for read and write cycle)*/
nand_timing.wait_phase = 0x6;
/* Time from enable on to enable off for all
signals.(Both for read and write cycle)*/
nand_timing.addr_setup_phase = 0x0;
/*Time from address valid to enable off
activation. (Both for read and write cycle)*/
/* Call FSMC API */
fsmc_set_nand_timing (bank, FSMC_PC_NAND_COMMON_MEM_SPACE, &nand_timing);
Out-of-band (OOB) data
A NAND page consists of a number of data bytes (512 or 2048) plus a number of out-of-
band (OOB) bytes (16 or 64 respectively).
Only the data bytes are used for application data. The OOB bytes are used for:
●
Marking an erase block as bad (first or second page of erase block)
●
Storing ECC (error correction codes)
●
Storing file system specific information (JFFS2 or YAFFS)
OOB placement schemes are defined by a struct nand_ecclayout:
struct nand_ecclayout {
int
eccbytes;
The eccbytes member defines the number of ecc bytes per page.
int
eccpos[24];
The eccpos array holds the byte offsets in the spare area where the
ecc codes are placed.
int
oobfree[8][2];
The oobfree array defines the areas in the spare area which can be
used for automatic placement. The information is given in the
format {offset, size}. offset defines the start of the usable area,
size the length in bytes. More than one area can be defined. The
list is terminated by an {0, 0} entry.
};
The OOB layout for 512 page-size NAND Flash over SPEAr platform is as follows:
static struct nand_ecclayout spear_nand_oobinfo_512 = {
.eccbytes = 3,
.eccpos
= {2, 3, 4},
.oobfree = {{8, 8}}
};
The total number of OOB bytes for 512-byte data is 16. In OOB bytes, 3 bytes (at offset 2, 3
and 4) are for the ECC, 8 bytes (from offset 8 to 15) are free and used by file-system specific
information. One byte (at offset 5) is used for bad-block information.
OOB layout for 2048 page-size NAND Flash in the SPEAr platform is as follows:
static struct nand_ecclayout spear_nand_oobinfo_2048 = {
.eccbytes = 12,
.eccpos
= {2, 3, 4, 18, 19, 20, 34, 35, 36, 50, 51, 52},



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com