| Electronic Components Datasheet Search |
|
UM0851 Datasheet(PDF) 17 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0851 Datasheet(HTML) 17 Page - STMicroelectronics |
|
17 / 245 page ![]() UM0851 Boot loader overview Doc ID 16604 Rev 2 17/245 ping - send ICMP ECHO_REQUEST to network host printenv- print environment variables protect - enable or disable FLASH write protection rarpboot- boot image via network using RARP/TFTP protocol reset - Perform RESET of the CPU run - run commands in an environment variable saveenv - save environment variables to persistent storage saves - save S-Record file over serial line setenv - set environment variables setfreq - change ddr/cpu frequency sleep - delay execution for some time tftpboot- boot image via network using TFTP protocol version - print monitor version writemac - write mac address in I2C memory Commands can be grouped into the following categories, according to their function: Informative commands This group of commands is used to get runtime information concerning the system itself. For example, using the 'bdinfo' command, you can retrieve the XLoader image revision. Memory commands U-Boot offers the possibility to interact with the memory subsystem (RAM, ROM, Flash, …) using a set of basic commands to move data to/from memory, compare memory locations, change memory locations and test memory. Table 1. Informative U-Boot commands Command Behavior Example bdinfo Print board info structure Along with other things, this structure also contains – Frequency at which DDR is operating – DDR type (DDR2/DDRMOBILE) – XLoader revision spear600> bdinfo arch_number = 0x000008BC env_t = 0x00000000 boot_params = 0x00000100 DRAM bank = 0x00000000 -> start = 0x00000000 -> size = 0x08000000 DDR Freq = 333 DDR Type = DDR2 ethaddr = 55:66:77:88:99:00 ip_addr = 192.168.1.10 baudrate = 115200 bps XLoader Rev = XLoader-SPEAr600 help Print online help version Print monitor version Table 2. Memory U-Boot commands Command Behavior Example base Print or set address offset for memory commands base 0x1300000 md Memory display md 0x1300000 Mm Memory modify (auto-incrementing) mm 0x1300000 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |