Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4102 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN4102
Description  Introducing the low-power concept in automotive applications using the STM8AL board of the STM8A-DISCOVERY
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4102 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN4102 Datasheet HTML 3Page - STMicroelectronics AN4102 Datasheet HTML 4Page - STMicroelectronics AN4102 Datasheet HTML 5Page - STMicroelectronics AN4102 Datasheet HTML 6Page - STMicroelectronics AN4102 Datasheet HTML 7Page - STMicroelectronics AN4102 Datasheet HTML 8Page - STMicroelectronics AN4102 Datasheet HTML 9Page - STMicroelectronics AN4102 Datasheet HTML 10Page - STMicroelectronics AN4102 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AN4102
Application description
Doc ID 023129 Rev 1
7/16
Once recorded, this value does not need to be refreshed and is kept in the non-volatile
memory for future use. It is recommended to perform this operation when you start your
evaluation in order to obtain the best precision.
Figure 4.
Bias current sequence
1.6
Low-power modes
This section describes the low-power modes used in this application example.
1.6.1
Low-power run mode (without LCD)
In this mode, the CPU and some of the peripherals are running. The LCD and the RTC clock
are disabled to save power and the GPIOs are placed in an output push-pull configuration to
limit consumption. During low-power run mode, the code is executed from the RAM and the
CPU is clocked by the LSI oscillator. The Flash and data EEPROM are stopped and the
voltage regulator is configured in ultra-low power mode. The microcontroller can be woken
up from this power-saving mode by an external event generated by a GPIO.
Set JP2 «Idd»
OFF
Press USER2 and
maintain it
pressed
Power supply
STM8AL board
LD4 ON
Release USER2
button
STM8AL
board is not
powered yet
END
START
«**BIAS**»
displayed on LCD
Measuring,
displaying and
recording Ibias
current
Remove STM8AL
board power
supply
Set JP2 «Idd»
ON
This operation is done
until the user
removes the power
supply by disconnecting
the USB cable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com