Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4102 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN4102
Description  Introducing the low-power concept in automotive applications using the STM8AL board of the STM8A-DISCOVERY
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4102 Datasheet(HTML) 3 Page - STMicroelectronics

  AN4102 Datasheet HTML 1Page - STMicroelectronics AN4102 Datasheet HTML 2Page - STMicroelectronics AN4102 Datasheet HTML 3Page - STMicroelectronics AN4102 Datasheet HTML 4Page - STMicroelectronics AN4102 Datasheet HTML 5Page - STMicroelectronics AN4102 Datasheet HTML 6Page - STMicroelectronics AN4102 Datasheet HTML 7Page - STMicroelectronics AN4102 Datasheet HTML 8Page - STMicroelectronics AN4102 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AN4102
Application description
Doc ID 023129 Rev 1
3/16
1
Application description
1.1
Hardware required
This application uses STM8AL on-board LEDs (red LD3 and green LD4), a 4-digit/4-bar
LCD glass display and two USER push-buttons, USER1 and USER2. No additional
components are required.
Note:
The low-power demonstration software can be executed with the STM8AF board either
connected or disconnected (included with the STM8A-Discovery). Once the low-power
demonstration is completed, the application automatically launches the LIN communication
demonstration software included in the same initial software package. An STM8AF board
must be connected for correct operation of the LIN communication software otherwise a
communication error is displayed.
1.2
Hardware settings of the STM8AL board
The IDD jumper JP1 must be placed in the ON position for standard operation (except for
bias current record operation. See Section 1.5.2: Bias current record).
Note:
Solder bridges SB6 to SB8 must be shorted (bottom side of the STM8AL board). This
enables the IDD measurement circuitry hardware.
1.3
Application schematics
Figure 1 shows the electrical schematics used in the low-power demonstration section.
Figure 1.
Application schematics
IDD measurement circuitry
STM8AL3L68T
MCU
USER
1
USER
2
4-digit / 4-bar LCD display
LD3
LD4
LEDs
User buttons
1 2 3 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com