Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4102 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN4102
Description  Introducing the low-power concept in automotive applications using the STM8AL board of the STM8A-DISCOVERY
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4102 Datasheet(HTML) 4 Page - STMicroelectronics

  AN4102 Datasheet HTML 1Page - STMicroelectronics AN4102 Datasheet HTML 2Page - STMicroelectronics AN4102 Datasheet HTML 3Page - STMicroelectronics AN4102 Datasheet HTML 4Page - STMicroelectronics AN4102 Datasheet HTML 5Page - STMicroelectronics AN4102 Datasheet HTML 6Page - STMicroelectronics AN4102 Datasheet HTML 7Page - STMicroelectronics AN4102 Datasheet HTML 8Page - STMicroelectronics AN4102 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Application description
AN4102
4/16
Doc ID 023129 Rev 1
1.4
Application principles
1.4.1
Overview
The STM8AL board embeds specific analog and logic hardware connected to the
STM8AL3L68T microcontroller, which allows measuring and displaying the IDD current
supply when the device is placed in different power consumption modes, such as:
●
Run mode
●
Halt mode
●
LPR (low-power run mode) with LCD display OFF.
To see how much power the device is using, the user simply needs to read the value
displayed on the STM8AL board's LCD panel. The units of measurement are displayed
accordingly.
With this demonstration software you can obtain a precise and dynamic measurement of the
STM8AL3L68T’s supply current depending on the power mode used.
1.4.2
IDD measurement
The STM8AL board IDD measurement circuitry consists in measuring precisely the voltage
value V at the terminals of a high precision serial resistor (1%) inserted between the +3.3 V
power supply and the VDD pin of the MCU. Depending on the device’s power mode, the
application uses R or [1000 + 1] x R as the equivalent resistor value by closing or opening
K1. In Run mode, the current is in the range of mA, K1 is closed, and the equivalent resistor
is R. In low-power modes, the current is in the range of µA, K1 is opened, and the equivalent
resistor is 1001 x R.
Figure 2.
IDD measurement equivalent circuitry
A
R
1000R
+3V3
VDD
STM8AL3L68T
GND
+3V3
Q14
Q13
EN
Counter
PC4
PE6
LP WakeUp
PF0
IDD Meas
Gain=50
C
K1
K2
IDD
V
S
MS30843V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com