Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4110 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN4110
Description  Using the SPIRIT1 transceiver under EN 300 220 at 868 MHz
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4110 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN4110 Datasheet HTML 3Page - STMicroelectronics AN4110 Datasheet HTML 4Page - STMicroelectronics AN4110 Datasheet HTML 5Page - STMicroelectronics AN4110 Datasheet HTML 6Page - STMicroelectronics AN4110 Datasheet HTML 7Page - STMicroelectronics AN4110 Datasheet HTML 8Page - STMicroelectronics AN4110 Datasheet HTML 9Page - STMicroelectronics AN4110 Datasheet HTML 10Page - STMicroelectronics AN4110 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
AN4110
Transmitter parameter
Doc ID 023182 Rev 1
7/18
Figure 4.
Adjacent power measurement, 25 kHz narrowband channel spacing,
9.6 kbps data rate, 2.4 kHz frequency deviation
2.2
Modulation bandwidth
The range of the modulation bandwidth includes all associated side bands above the
appropriate emissions level and the frequency error or drift under extreme test conditions.
The frequency drift in extreme test conditions primarily depends on the crystal quality, which
is not included in this report.
Figure 5 illustrates the ETSI spectral mask with which the radio must comply at the sub-
band edges. Basically, there are only two limit thresholds, what changes is the bandwidth of
integration at the different offset regions.
The same spectral masks are reported in Figure 6 and 7 as well. The device center
frequency is 868.3 MHz, the data rate is set to 9.6 kbps, the frequency deviation is set to 2.4
kHz, and the modulation is set to gaussian FSK (GFSK) with a BT = 1, in Figure 6, 38.4
kbps as data rate, 20 kHz as frequency deviation and gaussian FSK (GFSK) with a BT = 1
as modulation, in Figure 7. The applied output power is set to 11 dBm. With these
parameters, the spectral masks of the SPIRIT1 comply with ETSI [2] subclause 7.7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com