Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4110 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN4110
Description  Using the SPIRIT1 transceiver under EN 300 220 at 868 MHz
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4110 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN4110 Datasheet HTML 5Page - STMicroelectronics AN4110 Datasheet HTML 6Page - STMicroelectronics AN4110 Datasheet HTML 7Page - STMicroelectronics AN4110 Datasheet HTML 8Page - STMicroelectronics AN4110 Datasheet HTML 9Page - STMicroelectronics AN4110 Datasheet HTML 10Page - STMicroelectronics AN4110 Datasheet HTML 11Page - STMicroelectronics AN4110 Datasheet HTML 12Page - STMicroelectronics AN4110 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
AN4110
Transmitter parameter
Doc ID 023182 Rev 1
9/18
Figure 7.
Spectral mask measurement, 100 kHz channel spacing, 38.4 kbps data
rate, 20 kHz frequency deviation
2.3
Unwanted emissions in the spurious domain
Spurious emissions are unwanted emissions in the spurious domain at frequencies other
than those of the wanted carrier frequency and its sidebands associated with normal test
modulation.
A spectrum analyzer is used as external receiver. The measurement is performed setting
the SPIRIT1 with modulation and checking unwanted spurious emissions up to 6 GHz as
described in the ETSI [2] subclause 7.8.
The measurement is split into two figures. In Figure 8 the unwanted spurious emission for a
frequency below 1 GHz is shown. The measurement is performed setting the instrument
with a resolution bandwidth of 100 kHz, as requested in ETSI [2]. In Figure 9 the unwanted
spurious emission for a frequency from 1 GHz to 6 GHz is shown. The measurement is
performed setting the instrument with a resolution bandwidth of 1 MHz, as requested in
ETSI [2]. In the two images the mask request from the ETSI is reported also.
The unwanted emissions in the spurious domain of SPIRIT1 comply with ETSI [2] subclause
7.8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com