Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4110 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN4110
Description  Using the SPIRIT1 transceiver under EN 300 220 at 868 MHz
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4110 Datasheet(HTML) 3 Page - STMicroelectronics

  AN4110 Datasheet HTML 1Page - STMicroelectronics AN4110 Datasheet HTML 2Page - STMicroelectronics AN4110 Datasheet HTML 3Page - STMicroelectronics AN4110 Datasheet HTML 4Page - STMicroelectronics AN4110 Datasheet HTML 5Page - STMicroelectronics AN4110 Datasheet HTML 6Page - STMicroelectronics AN4110 Datasheet HTML 7Page - STMicroelectronics AN4110 Datasheet HTML 8Page - STMicroelectronics AN4110 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
AN4110
Application circuit
Doc ID 023182 Rev 1
3/18
1
Application circuit
Figure 1 shows an image of the SPIRIT1 application daughterboard. The application is
made up of 2 boards: a daughterboard and a motherboard. The daughterboard includes the
SPIRIT1 with all the required external components. For correct functioning, the
daughterboard must be plugged into a motherboard (see Figure 2) through two header 5x2
connectors (J6 and J7).
The motherboard is provided with an STM32L152VBT6 micro to correctly program the
transceiver. The micro is programmed with firmware developed for the SPIRIT1 application.
A graphical user interface (GUI) has been developed to correctly program the SPIRIT1.
The daughterboard is provided with a 50 MHz Xtal to provide the correct oscillator to the
SPIRIT. The W-MBUS S-mode, T-mode and R-mode applications, expressly used for the
868 MHz band, can be supported by the SPIRIT. A dedicated W-MBUS application
(firmware) at 868 MHz has been developed. This document is for general purpose
applications that work in the 863.000 - 870.000 MHz bandwidth.
The SPIRIT has an internal SMPS that drastically reduces power consumption, making the
SPIRIT1 the best in class for applications on this bandwidth. The SMPS is fed from the
battery (1.8 V to 3.6 V) and provides a programmable voltage (1.4 V typically) to the device.
An SMA connector is present to connect the board at the antenna or at the instrumentation
to verify the correct functionality and verify the ETSI standard request.
A few passive parts (inductors and capacitors) are used as matching/filtering for the power
amplifier (PA) and balun network for the receiver.
To reduce application costs, the SPIRIT is designed to work without an external antenna
switch. This daughterboard is designed to show the SPIRIT functions in this condition. An
application with an antenna switch can certainly be realized, but is not described in this
document.
Figure 1.
SPIRIT1 application daughterboard



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com