Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4117 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN4117
Description  Using the SPIRIT1 transceiver under EN 300 220 at 434 MHz
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4117 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN4117 Datasheet HTML 3Page - STMicroelectronics AN4117 Datasheet HTML 4Page - STMicroelectronics AN4117 Datasheet HTML 5Page - STMicroelectronics AN4117 Datasheet HTML 6Page - STMicroelectronics AN4117 Datasheet HTML 7Page - STMicroelectronics AN4117 Datasheet HTML 8Page - STMicroelectronics AN4117 Datasheet HTML 9Page - STMicroelectronics AN4117 Datasheet HTML 10Page - STMicroelectronics AN4117 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
AN4117
Transmitter parameters
Doc ID 023222 Rev 1
7/22
2
Transmitter parameters
All the measurements here reported are performed with the following parameters: Tc = 25
°C, Vdd = 3.0 V, f = 434.030 MHz. They are also measured with the reference design
reported in EN 300 220 v1 [2] Annex A.1.
The modulation bandwidth, adjacent channel power, and unwanted emissions in the
spurious domain measurements are here reported. The measurements are realized
according to EN 300 220 v1 [2] sections 7.6, 7.7 and 7.8.
2.1
Adjacent channel power
The adjacent channel power (ACP) is defined as the amount of the modulated RF signal
power which falls within a given adjacent channel. This power is the sum of the mean power
produced by the modulation, hum and noise of the transmitter. This measurement is
applicable only to narrowband systems.
This test measures the power transmitted in the adjacent channel during continuous
modulation. The ACP is measured with a spectrum analyzer which conforms to the
requirements given in EN 300 220-1 v2.3.1 (2010-02) [2] Annex C.
In this application note, ACP measured with 12.5 kHz and 25 kHz channel spacing are
investigated. For these measurements the integrated bandwidths of the adjacent channel
are 8.5 kHz and 16 kHz respectively. The ETSI limit for the ACP is 10 µW (-20 dBm) for 12.5
kHz channelization and 200 nW (-37 dBm) for 25 kHz channelization.
Figure 4 and 5 illustrate the measured ACP at the 434.3 MHz center frequency with 12.5
kHz channelization, Figure 6 illustrates the measured ACP with 25 kHz channelization. The
data rate for the modulated signal in Figure 4 is set to 1.2 Kbps, the frequency deviation is
set to 1 kHz, and the modulation is set to 2-FSK. The data rate for the modulated signal in
Figure 5 is set to 2.4 Kbps, the frequency deviation is set to 2.4 kHz, and the modulation is
set to Gaussian FSK (GFSK) with BT = 0.5. The data rate for the modulated signal in
Figure 6 is set to 4.8 Kbps, the frequency deviation is set to 2.4 kHz, and the modulation is
set to Gaussian FSK (GFSK) with BT = 0.5.
The output power integrated around the carrier is 12 dBm in the bandwidth and with average
detection. With this power the ACP is -38 dBm in the first two cases and -43 dBm in the third
case. The SPIRIT1 is fully compliant with the ETSI transmitter adjacent channel power
requirements with margin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com