Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4117 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN4117
Description  Using the SPIRIT1 transceiver under EN 300 220 at 434 MHz
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4117 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN4117 Datasheet HTML 5Page - STMicroelectronics AN4117 Datasheet HTML 6Page - STMicroelectronics AN4117 Datasheet HTML 7Page - STMicroelectronics AN4117 Datasheet HTML 8Page - STMicroelectronics AN4117 Datasheet HTML 9Page - STMicroelectronics AN4117 Datasheet HTML 10Page - STMicroelectronics AN4117 Datasheet HTML 11Page - STMicroelectronics AN4117 Datasheet HTML 12Page - STMicroelectronics AN4117 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
AN4117
Transmitter parameters
Doc ID 023222 Rev 1
9/22
Figure 6.
Adjacent power measurement, 25 kHz narrowband channel spacing,
4.8 Kbps data rate, 2.4 kHz frequency deviation, GFSK (BT=0.5)
modulation
2.2
Modulation bandwidth
The range of the modulation bandwidth includes all associated side-bands above the
appropriate emissions level and the frequency error or drift under extreme test conditions.
The frequency drift in extreme test conditions primarily depends on the crystal quality, which
is not included in this report.
Figure 7 illustrates the ETSI spectral mask with which the radio must comply at the sub-
band edges. Basically, there are only two limit thresholds; what changes is the bandwidth of
integration at the different offset regions.
The same spectral masks are reported in Figure 8, 9, 10, 11 and 12. In Figure 8 the data
rate is set to 1.2 Kbps, the frequency deviation is set to 1 kHz and the modulation is set to 2-
FSK (GFSK). In Figure 9 the data rate is set to 2.4 Kbps, the frequency deviation is set to
2.4 kHz and the modulation is set to Gaussian FSK (GFSK) with a BT = 0.5. In Figure 10 the
data rate is set to 4.8 Kbps, the frequency deviation is set to 2.4 kHz and the modulation is
set to Gaussian FSK (GFSK) with a BT = 0.5. In Figure 11 the data rate is set to 38.4 Kbps,
the frequency deviation is set to 20 kHz and the modulation is set to Gaussian FSK (GFSK)
with a BT = 1. In Figure 12 the data rate is set to 250 Kbps, the frequency deviation is set to
127 kHz and the modulation is set to Gaussian FSK (GFSK) with a BT = 1. The applied
output power is set to 11 dBm.
With these parameters, the spectral masks of SPIRIT1 comply with ETSI [2] subclause 7.7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com